| Electronic Components Datasheet Search |
|
DS3172 Datasheet(PDF) 107 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3172 Datasheet(HTML) 107 Page - Dallas Semiconductor |
|
107 / 232 page ![]() DS3171/DS3172/DS3173/DS3174 107 of 231 Immediately after a reset (or datapath reset) or a LOS condition, a BPV will not be declared when the first valid one (RPOS high and RNEG low, or RPOS low and RNEG high) is received. Bipolar to unipolar conversion converts the AMI bipolar data into a unipolar signal by ORing together the RXP and RXN signals. 10.11 BERT 10.11.1 General Description The BERT is a software programmable test pattern generator and monitor capable of meeting most error performance requirements for digital transmission equipment. It will generate and synchronize to pseudo-random patterns with a generation polynomial of the form x n + xy + 1, where n and y can take on values from 1 to 32 and to repetitive patterns of any length up to 32 bits. The transmit direction generates the programmable test pattern, and inserts the test pattern payload into the data stream. The receive direction extracts the test pattern payload from the receive data stream, and monitors the test pattern payload for the programmable test pattern. See Figure 10-28 for the location of the BERT Block within the DS3174x devices. Figure 10-28. BERT Block Diagram DS3/E3 Transmit LIU IEEE P1149.1 JTAG Test Access Port Microprocessor Interface HDLC FEAC DS3 / E3 Transmit Formatter DS3 / E3 Receive Framer Trail Trace Buffer DS3/E3 Receive LIU TAIS TUA1 Clock Rate Adapter TX BERT RX BERT UA1 GEN B3ZS/ HDB3 Encoder B3ZS/ HDB3 Decoder 10.11.2 Features · Programmable PRBS pattern – The Pseudo Random Bit Sequence (PRBS) polynomial (x n + xy + 1) and seed are programmable (length n = 1 to 32, tap y = 1 to n - 1, and seed = 0 to 2 n - 1). · Programmable repetitive pattern – The repetitive pattern length and pattern are programmable (the length n = 1 to 32 and pattern = 0 to 2 n - 1). · 24-bit error count and 32-bit bit count registers · Programmable bit error insertion – Errors can be inserted individually, on a pin transition, or at a specific rate. The rate 1/10 n is programmable (n = 1 to 7). · Pattern synchronization at a 10 -3 BER – Pattern synchronization will be achieved even in the presence of a random Bit Error Rate (BER) of 10 -3. 10.11.3 Configuration and Monitoring Set PORT.CR1.BENA = 1 to enable the BERT. The BERT must be enabled before the pattern is loaded for the pattern load operation to take affect. The following tables show how to configure the on-board BERT to send and receive common patterns. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |