Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 208 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 208 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 204Page - Advanced Micro Devices SC3200 Datasheet HTML 205Page - Advanced Micro Devices SC3200 Datasheet HTML 206Page - Advanced Micro Devices SC3200 Datasheet HTML 207Page - Advanced Micro Devices SC3200 Datasheet HTML 208Page - Advanced Micro Devices SC3200 Datasheet HTML 209Page - Advanced Micro Devices SC3200 Datasheet HTML 210Page - Advanced Micro Devices SC3200 Datasheet HTML 211Page - Advanced Micro Devices SC3200 Datasheet HTML 212Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 447 page
background image
208
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
Index 08h
Device Revision ID Register (RO)
Reset Value: 00h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value: 060100h
Index 0Ch
PCI Cache Line Size Register (R/W)
Reset Value: 00h
7:0
PCI Cache Line Size Register. This register sets the size of the PCI cache line, in increments of four bytes. For memory
write and invalidate cycles, the PCI cache line size must be set to 32 bytes (08h) and the Memory Write and Invalidate bit
(F0 Index 04h[4]) must be set to 1.
Index 0Dh
PCI Latency Timer Register (R/W)
Reset Value: 00h
7:4
Reserved. Must be set to 0.
3:0
PCI Latency Timer Value. The PCI Latency Timer register prevents system lockup when a slave does not respond to a
cycle that the Core Logic module masters.
If the value is set to 00h (default), the timer is disabled.
If the timer is written with any other value, bits [3:0] become the four most significant bits in a timer that counts PCI clocks for
slave response.
The timer is reset on each valid data transfer. If the counter expires before the next assertion of TRDY# is received, the
Core Logic module stops the transaction with a master abort and asserts SERR#, if enabled to do so (via F0 Index 04h[8]).
Index 0Eh
PCI Header Type (RO)
Reset Value: 80h
7:0
PCI Header Type Register. This register defines the format of this header. This header has a format of type 0. (For more
information about this format, see the PCI Local Bus specification, revision 2.2.)
Additionally, bit 7 of this register defines whether this PCI device is a multifunction device (bit 7 = 1) or not (bit 7 = 0).
Index 0Fh
PCI BIST Register (RO)
Reset Value: 00h
This register indicates various information about the PCI Built-In Self-Test (BIST) mechanism.
Note:
This mechanism is not supported in the Core Logic module in the SC3200.
7
BIST Capable. Indicates if the device can run a Built-In Self-Test (BIST).
0: The device has no BIST functionality.
1: The device can run a BIST.
6
Start BIST. Setting this bit to 1 starts up a BIST on the device. The device resets this bit when the BIST is completed. (Not
supported.)
5:4
Reserved.
3:0
BIST Completion Code. Upon completion of the BIST, the completion code is stored in these bits. A completion code of
0000 indicates that the BIST was successfully completed. Any other value indicates a BIST failure.
Index 10h-13h
Base Address Register 0 - F0BAR0 (R/W)
Reset Value: 00000001h
This register allows access to I/O mapped GPIO runtime and configuration Registers. Bits [5:0] are read only (000001), indicating a 64-
byte aligned I/O address space. Refer to Table 6-30 on page 240 for the GPIO register bit formats and reset values.
31:6
GPIO Base Address.
5:0
Address Range. (Read Only)
Index 14h-17h
Base Address Register 1 - F0BAR1 (R/W)
Reset Value: 00000001h
This register allows access to I/O mapped LPC configuration registers. Bits [5:0] are read only (000001), indicating a 64-byte aligned I/O
address space. Refer to Table 6-31 on page 244 for the bit formats and reset values of the LPC registers.
31:6
LPC Base Address.
5:0
Address Range. (Read Only)
Index 18h-2Bh
Reserved
Reset Value: 00h
Index 2Ch-2Dh
Subsystem Vendor ID (RO)
Reset Value: 100Bh
Index 2Eh-2Fh
Subsystem ID (RO)
Reset Value: 0500h
Index 30h-3Fh
Reserved
Reset Value: 00h
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com