Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 204 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 204 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 200Page - Advanced Micro Devices SC3200 Datasheet HTML 201Page - Advanced Micro Devices SC3200 Datasheet HTML 202Page - Advanced Micro Devices SC3200 Datasheet HTML 203Page - Advanced Micro Devices SC3200 Datasheet HTML 204Page - Advanced Micro Devices SC3200 Datasheet HTML 205Page - Advanced Micro Devices SC3200 Datasheet HTML 206Page - Advanced Micro Devices SC3200 Datasheet HTML 207Page - Advanced Micro Devices SC3200 Datasheet HTML 208Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 447 page
background image
204
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Register Summary
Revision 5.1
Table 6-28. ISA Legacy I/O Register Summary
I/O Port
Type
Name
Reference
DMA Channel Control Registers (Table 6-43)
000h
R/W
DMA Channel 0 Address Register
Page 313
001h
R/W
DMA Channel 0 Transfer Count Register
Page 313
002h
R/W
DMA Channel 1 Address Register
Page 313
003h
R/W
DMA Channel 1 Transfer Count Register
Page 313
004h
R/W
DMA Channel 2 Address Register
Page 313
005h
R/W
DMA Channel 2 Transfer Count Register
Page 313
006h
R/W
DMA Channel 3 Address Register
Page 313
007h
R/W
DMA Channel 3 Transfer Count Register
Page 313
008h
Read
DMA Status Register, Channels 3:0
Page 313
Write
DMA Command Register, Channels 3:0
Page 314
009h
WO
Software DMA Request Register, Channels 3:0
Page 314
00Ah
W
DMA Channel Mask Register, Channels 3:0
Page 314
00Bh
WO
DMA Channel Mode Register, Channels 3:0
Page 315
00Ch
WO
DMA Clear Byte Pointer Command, Channels 3:0
Page 315
00Dh
WO
DMA Master Clear Command, Channels 3:0
Page 315
00Eh
WO
DMA Clear Mask Register Command, Channels 3:0
Page 315
00Fh
WO
DMA Write Mask Register Command, Channels 3:0
Page 315
0C0h
R/W
DMA Channel 4 Address Register (Not used)
Page 315
0C2h
R/W
DMA Channel 4 Transfer Count Register (Not Used)
Page 315
0C4h
R/W
DMA Channel 5 Address Register
Page 315
0C6h
R/W
DMA Channel 5 Transfer Count Register
Page 315
0C8h
R/W
DMA Channel 6 Address Register
Page 315
0CAh
R/W
DMA Channel 6 Transfer Count Register
Page 315
0CCh
R/W
DMA Channel 7 Address Register
Page 315
0CEh
R/W
DMA Channel 7 Transfer Count Register
Page 315
0D0h
Read
DMA Status Register, Channels 7:4
Page 316
Write
DMA Command Register, Channels 7:4
Page 316
0D2h
WO
Software DMA Request Register, Channels 7:4
Page 317
0D4h
W
DMA Channel Mask Register, Channels 7:4
Page 317
0D6h
WO
DMA Channel Mode Register, Channels 7:4
Page 317
0D8h
WO
DMA Clear Byte Pointer Command, Channels 7:4
Page 317
0DAh
WO
DMA Master Clear Command, Channels 7:4
Page 317
0DCh
WO
DMA Clear Mask Register Command, Channels 7:4
Page 317
0DEh
WO
DMA Write Mask Register Command, Channels 7:4
Page 318
DMA Page Registers (Table 6-44)
081h
R/W
DMA Channel 2 Low Page Register
Page 318
082h
R/W
DMA Channel 3 Low Page Register
Page 318
083h
R/W
DMA Channel 1 Low Page Register
Page 318
087h
R/W
DMA Channel 0 Low Page Register
Page 318
089h
R/W
DMA Channel 6 Low Page Register
Page 318
08Ah
R/W
DMA Channel 7 Low Page Register
Page 318
08Bh
R/W
DMA Channel 5 Low Page Register
Page 318
08Fh
R/W
Sub-ISA Refresh Low Page Register
Page 318
481h
R/W
DMA Channel 2 High Page Register
Page 318
482h
R/W
DMA Channel 3 High Page Register
Page 318
483h
R/W
DMA Channel 1 High Page Register
Page 318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com