Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 200 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 200 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 196Page - Advanced Micro Devices SC3200 Datasheet HTML 197Page - Advanced Micro Devices SC3200 Datasheet HTML 198Page - Advanced Micro Devices SC3200 Datasheet HTML 199Page - Advanced Micro Devices SC3200 Datasheet HTML 200Page - Advanced Micro Devices SC3200 Datasheet HTML 201Page - Advanced Micro Devices SC3200 Datasheet HTML 202Page - Advanced Micro Devices SC3200 Datasheet HTML 203Page - Advanced Micro Devices SC3200 Datasheet HTML 204Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 447 page
background image
200
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Register Summary
Revision 5.1
Table 6-23. F3BAR0: Audio Support Registers Summary
F3BAR0+
Memory
Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 6-38)
00h-03h
32
R/W
Codec GPIO Status Register
00000000h
Page 280
04h-07h
32
R/W
Codec GPIO Control Register
00000000h
Page 280
08h-0Bh
32
R/W
Codec Status Register
00000000h
Page 280
0Ch-0Fh
32
R/W
Codec Command Register
00000000h
Page 281
10h-11h
16
RC
Second Level Audio SMI Status Register
0000h
Page 281
12h-13h
16
RO
Second Level Audio SMI Status Mirror Register
0000h
Page 282
14h-17h
32
RO
I/O Trap SMI and Fast Write Status Register
00000000h
Page 283
18h-19h
16
R/W
I/O Trap SMI Enable Register
0000h
Page 284
1Ah-1Bh
16
R/W
Internal IRQ Enable Register
0000h
Page 285
1Ch-1Fh
32
R/W
Internal IRQ Control Register
00000000h
Page 286
20h
8
R/W
Audio Bus Master 0 Command Register
00h
Page 288
21h
8
RC
Audio Bus Master 0 SMI Status Register
00h
Page 288
22h-23h
----
---
Not Used
---
Page 288
24h-27h
32
R/W
Audio Bus Master 0 PRD Table Address
00000000h
Page 288
28h
8
R/W
Audio Bus Master 1 Command Register
00h
Page 289
29h
8
RC
Audio Bus Master 1 SMI Status Register
00h
Page 289
2Ah-2Bh
---
---
Not Used
---
Page 289
2Ch-2Fh
32
R/W
Audio Bus Master 1 PRD Table Address
00000000h
Page 289
30h
8
R/W
Audio Bus Master 2 Command Register
00h
Page 290
31h
8
RC
Audio Bus Master 2 SMI Status Register
00h
Page 290
32h-33h
---
---
Not Used
00h
Page 290
34h-37h
32
R/W
Audio Bus Master 2 PRD Table Address
00000000h
Page 290
38h
8
R/W
Audio Bus Master 3 Command Register
00h
Page 291
39h
8
RC
Audio Bus Master 3 SMI Status Register
00h
Page 291
3Ah-3Bh
---
---
Not Used
---
Page 291
3Ch-3Fh
32
R/W
Audio Bus Master 3 PRD Table Address
00000000h
Page 291
40h
8
R/W
Audio Bus Master 4 Command Register
00h
Page 292
41h
8
RC
Audio Bus Master 4 SMI Status Register
00h
Page 292
42h-43h
---
---
Not Used
---
Page 292
44h-47h
32
R/W
Audio Bus Master 4 PRD Table Address
00000000h
Page 292
48h
8
R/W
Audio Bus Master 5 Command Register
00h
Page 293
49h
8
RC
Audio Bus Master 5 SMI Status Register
00h
Page 293
4Ah-4Bh
---
---
Not Used
---
Page 293
4Ch-4Fh
32
R/W
Audio Bus Master 5 PRD Table Address
00000000h
Page 293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com