Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 266 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 266 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 262Page - Advanced Micro Devices SC3200 Datasheet HTML 263Page - Advanced Micro Devices SC3200 Datasheet HTML 264Page - Advanced Micro Devices SC3200 Datasheet HTML 265Page - Advanced Micro Devices SC3200 Datasheet HTML 266Page - Advanced Micro Devices SC3200 Datasheet HTML 267Page - Advanced Micro Devices SC3200 Datasheet HTML 268Page - Advanced Micro Devices SC3200 Datasheet HTML 269Page - Advanced Micro Devices SC3200 Datasheet HTML 270Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 447 page
background image
266
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - SMI Status and ACPI Registers - Function 1
Revision 5.1
13
SLP_EN (Sleep Enable). (Write Only) Allow the system to sequence into the sleeping state associated with the SLP_TYPx
(bits [12:10]).
0: Disable.
1: Enable.
This is a write only bit and reads of this bit always return a 0.
The ACPI state machine always waits for an SMI (any SMI) to be generated and serviced before transitioning into a Sleep
state.
If F1BAR1+I/O Offset 18h[9] = 1, an SMI is generated when SLP_EN is set.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[2].
12:10
SLP_TYPx (Sleep Type). Defines the type of Sleep state the system enters when SLP_EN (bit 13) is set.
000: Sleep State S0 (Full on)
100: Sleep State SL4
001: Sleep State SL1
101: Sleep State SL5 (Soft off)
010: Sleep State SL2
110: Reserved
011: Sleep State SL3
111: Reserved
9:3
Reserved. Set to 0.
2
GBL_RLS (Global Release). (Write Only) This write only bit is used by ACPI software to raise an event to the BIOS soft-
ware (i.e., it generates an SMI to pass execution control to the BIOS).
0: Disable.
1: Enable.
This is a write only bit and reads of this bit always return a 0.
To generate an SMI, ACPI software writes the GBL_RLS bit which in turn sets the BIOS_STS bit (F1BAR1+I/O Offset
0Eh[0]) and raises a PME. For the PME to generate an SMI, set BIOS_EN (F1BAR1+I/O Offset 0Fh[0] to 1).
The top level SMI status is reported at F1BAR0+I/O offset 00h/02h.
Second level status is at F1BAR0+I/O Offset 22h[5].
1
BM_RLD (Bus Master RLD). If the processor is in the C3 state and a bus master request is generated, force the processor
to transition to the C0 state.
0: Disable.
1: Enable
0
SCI_EN (System Control Interrupt Enable). Globally selects power management events (PMEs) reported in PM1A_STS
and GPE0_STS (F1BAR1+I/O Offset 08h and 10h) to be either an SCI or SMI type of interrupt.
0: APM Mode, generates an SMI and status is reported at F1BAR0+I/O Offset 00h/02h[0].
1: ACPI Mode, generates an SCI if the corresponding PME enable bit is set and status is reported at F1BAR1+I/O Offset
08h and 10h.
Note:
This bit enables the ACPI state machine.
Offset 0Eh
ACPI_BIOS_STS Register (R/W)
Reset Value: 00h
7:1
Reserved. Must be set to 0.
0
BIOS_STS (BIOS Status Release). When 1 is written to the GLB_RLS bit (F1BAR1+I/O Offset 0Ch[2]), this bit is also set
to 1.
Write 1 to clear.
Table 6-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com