Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 319 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 319 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 315Page - Advanced Micro Devices SC3200 Datasheet HTML 316Page - Advanced Micro Devices SC3200 Datasheet HTML 317Page - Advanced Micro Devices SC3200 Datasheet HTML 318Page - Advanced Micro Devices SC3200 Datasheet HTML 319Page - Advanced Micro Devices SC3200 Datasheet HTML 320Page - Advanced Micro Devices SC3200 Datasheet HTML 321Page - Advanced Micro Devices SC3200 Datasheet HTML 322Page - Advanced Micro Devices SC3200 Datasheet HTML 323Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
319
Core Logic Module - ISA Legacy Register Space
Revision 5.1
Table 6-45. Programmable Interval Timer Registers
Bit
Description
I/O Port 040h
Write
PIT Timer 0 Counter
7:0
Counter Value.
Read
PIT Timer 0 Status
7
Counter Output. State of counter output signal.
6
Counter Loaded. Indicates if the last count written is loaded.
0: Yes.
1: No.
5:4
Current Read/Write Mode.
00: Counter latch command.
01: R/W LSB only.
10: R/W MSB only.
11: R/W LSB, followed by MSB.
3:1
Current Counter Mode. 0-5.
0
BCD Mode.
0: Binary.
1: BCD (Binary Coded Decimal).
I/O Port 041h
Write
PIT Timer 1 Counter (Refresh)
7:0
Counter Value.
Read
PIT Timer 1 Status (Refresh)
7
Counter Output. State of counter output signal.
6
Counter Loaded. Indicates if the last count written is loaded.
0: Yes.
1: No.
5:4
Current Read/Write Mode.
00: Counter latch command.
01: R/W LSB only.
10: R/W MSB only.
11: R/W LSB, followed by MSB.
3:1
Current Counter Mode. 0-5.
0
BCD Mode.
0: Binary.
1: BCD (Binary Coded Decimal).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com