Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
6/37
ELECTRICAL SPECIFICATIONS
MIN and MAX limits are valid for the recommended ambient temperature range of -40°C to 100°C. Typical values represents
statistically the utmost probability at following conditions: TA = 25°C, VIN=nominal VOUT=nominal IOUT=nominal unless
otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN (1)
TYP (3)
MAX (1)
UNIT
Output Current
IMOC
Maximum Overload
Current
VOUT =5V (1769205X2) for 5s
-
-
300(7)
mA
VOUT =12V (176881212) for 5s
-
-
126(7)
VOUT =15V (176861512) for 5s
-
-
99(7)
ICL
Output current limit
threshold
-
-
No(8)
mA
Deviation
VOUT
Line regulation
per 1.0% change in input voltage(9)
-
±1.2
-
%
Load regulation
10% to 100% load current, 5Vout
– see
OUTPUT VOLTAGE TOLERANCE ENVELOPE
-
-
-1
+15
%
Output Voltage
Accuracy
Vin nominal @Iout nominal
-
-2%
±5
%
Output voltage
ripple 5VOUT
20MHz BW, without external capacitor
-
65
-
mVpp
Output voltage
ripple 12/15VOUT
20MHz BW, without external capacitor
-
75
-
mVpp
Switching frequency
fSW
Switching frequency
VIN = 3.3V, VOUT = 5V, IOUT = 200mA
(176920502)
50
-
110
kHz
VIN = 5V, VOUT = 5V, IOUT = 200mA
(176920512)
VIN = 12V, VOUT = 5V, IOUT = 200mA
(176920522)
VIN = 5V, VOUT = 12V, IOUT = 84mA
(176881212)
VIN = 5V, VOUT = 15V, IOUT = 66mA
(176861512)
Input current
IIN
No load input
current (operating,
switching)
VIN = 3.3V, VOUT = 5V, IOUT = 0mA
(176920502)
-
55
-
mA
VIN = 5V, VOUT = 5V, IOUT = 0mA
(176920512)
-
33
-
VIN = 12V, VOUT = 5V, IOUT = 0mA
(176920522)
-
12
-
VIN = 5V, VOUT = 12V, IOUT = 0mA
(176881212)
-
33
-
VIN = 5V, VOUT = 15V, IOUT = 0mA
(176861512)
-
33
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com