Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 14 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 14 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 13Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 14Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 15Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 16Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 17Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 18Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
14/37
5V  12V (176881212)
0
10
20
30
40
50
60
70
30
100
1000
Frequency [MHz]
Radiated Emissions 176881212 (3m Antenna Distance)
VIN = 5V, VOUT = 12V, ILOAD = 83,4mA
with input filter 22µF (885012209006) , 2.2µH (744773022)
and 470pF (885362210009)
Horizontal
Vertical
EN55022 Class A limit
EN55022 Class B limit
0
10
20
30
40
50
60
70
0.15
1
10
Frequency [MHz]
Conducted Emissions 176881212
VIN = 5V, VOUT = 12V, ILOAD = 83,4mA
with input filter 22µF (885012209006) , 2.2µH (744773022) and 470pF (885362210009)
Average Quasi peak
EN55022 Class B Quasi Peak limit
EN55022 Class B Average limit
80
-10
30
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com