Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  176920522 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
3/37
ABSOLUTE MAXIMUM RATINGS
Caution:
Exceeding the listed absolute maximum ratings may affect the device negatively and may cause permanent damage. These
are stress ratings only, which do not imply functional operation of the device at these or any other condition beyond those
indicated under “Operation Conditions”.
SYMBOL
PARAMETER
LIMITS
UNIT
MIN (1)
MAX (1)
VIN
Input pin voltage for
10s@10% Load
3.3VIN / 5VOUT version, (176920502)
2.64
3.96
V
5VIN / 5VOUT version, (176920512)
4.00
5.75
V
12VIN / 5VOUT version, (176920522)
9.60
13.8
V
5VIN / 12VOUT version, (176881212)
4.00
5.75
V
5VIN / 15VOUT version, (176861512)
4.00
5.75
V
VOUT
Output pin voltage
3.3VIN / 5VOUT version, (176920502)
0
10
V
5VIN / 5VOUT version, (176920512)
V
12VIN / 5VOUT version, (176920522)
V
5VIN / 12VOUT version, (176881212)
0
16
V
5VIN / 15VOUT version, (176861512)
0
20
V
VISO
Isolation voltage input to output, 100% tested for 1 second(2)
-
2000
V
Isolation voltage input to output 60 seconds (6)
-
1600
V
Continuous(6)
-
550
V
Tstorage
Assembled, non-operating storage temperature
-55
125
°C
VESD
ESD Voltage (Human Body Model), according to EN61000-4-2(12)
±2000
V
All parameters are specified after a 15 minutes run-in time unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com