Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  176920522 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
1/37
3.3V
– 12V / 1W / 2kV functional isolated
unregulated 5V / 12V / 15V Output
DESCRIPTION
The FISM series of the unregulated MagI3C power
module family is a functional isolated, fully integrated
DC/DC converter. The module integrates the switching
power stage, control circuitry, transformer and capacitors,
all in one package.
The
module
requires
no
external
components
for
operation thus reducing design effort and complexity to a
minimum.
The FISM ensures
fast time to market and low
development costs.
The FISM series achieves typically an efficiency of 73%
to 76%.
The SMT package (12.75x11.1x6.95mm) with industrial
standard SMT-8 pinout allows for easy assembly.
TYPICAL APPLICATIONS
•
Data acquisition
•
Test and measurement systems
•
Interface and microcontroller supply
•
Industrial control
FEATURES
•
2kV DC functional isolation
•
Current capability up to 0.2A
•
Nominal input voltage rails: 3.3V / 5V / 12V
•
Output voltage: 5V / 12V / 15V unregulated
•
No minimum load required
•
Continuous output power: 1W
•
Integrated CIN, COUT and transformer
•
Low output voltage ripple:
typ. 65mV to 75mV at full load
•
Output voltage accuracy: ±5% max.
•
Operating frequency range: 50 kHz to 110 kHz
•
Operating ambient temperature range:
- 40°C to 100°C
•
RoHS & REACh compliant
•
UL94V-0 package material
•
Complies with EN55032 class B conducted and
radiated emissions standard
•
UL60950-1, 2nd Edition
•
C22.2 No. 60950-1-07 2nd Edition
TYPICAL CIRCUIT DIAGRAM
NO NEED FOR CIN
NO NEED FOR COUT
+VIN
-VIN
-VOUT
+VOUT
Module
2
1
4
5
VIN
VOUT
VOUTGND
VINGND


Similar Part No. - 176920522

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
1769205241 WURTH-1769205241 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1769205241 WURTH-1769205241 Datasheet
1Mb / 31P
MagI3C Power Module WPME-FISM - Fixed Isolated SIP/SMT Module
Version 3.0
1769205241 WURTH-1769205241 Datasheet
2Mb / 30P
MagI3C Power Module WPME-FISM - Fixed Isolated SIP/SMT Module
Version 1.0
1769205241 WURTH-1769205241 Datasheet
2Mb / 30P
MagI3C Power Module WPME-FISM - Fixed Isolated SIP/SMT Module
Version 1.0
1769205241 WURTH-1769205241 Datasheet
2Mb / 30P
MagI3C Power Module WPME-FISM - Fixed Isolated SIP/SMT Module
Version 1.0
More results

Similar Description - 176920522

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REFD5512 MAXIM-REFD5512 Datasheet
119Kb / 5P
Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output Isolated Power Supply
Nov 06, 2012
logo
Wurth Elektronik GmbH &...
17791063215 WURTH-17791063215 Datasheet
3Mb / 44P
8V ??42V / 1W / 2kV functional isolated regulated 3.3V ??6V adjustable Output
1.0 May 2018
1769205132 WURTH-1769205132 Datasheet
2Mb / 31P
5V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 September 2022
1789205X1 WURTH-1789205X1 Datasheet
953Kb / 24P
FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
1769205X41 WURTH-1769205X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1769405X41 WURTH-1769405X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1779205X11 WURTH-1779205X11 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
1779205X41 WURTH-1779205X41 Datasheet
2Mb / 35P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1779405X11 WURTH-1779405X11 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 1.5kV Functional Isolated Unregulated 5V Output
version 1.0
1779405X41 WURTH-1779405X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com