Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
7/37
SYMBOL
PARAMETER
TEST CONDITIONS
MIN (1)
TYP (3)
MAX (1)
UNIT
IRRC
Reflected Ripple
Current(10)
VIN = 3.3V, VOUT = 5V, IOUT = 200mA
(176920502)
-
75
-
mApp
VIN = 5V, VOUT = 5V, IOUT = 200mA
(176920512)
-
120
-
VIN = 12V, VOUT = 5V, IOUT = 200mA
(176920522)
-
50
-
VIN = 5V, VOUT = 12V, IOUT = 84mA
(176881212)
-
55
-
VIN = 5V, VOUT = 15V, IOUT = 66mA
(176861512)
-
65
-
Efficiency
η
Efficiency
VIN = 3.3V, VOUT = 5V, IOUT = 200mA
(176920502)
-
75
-
%
VIN = 5V, VOUT = 5V, IOUT = 200mA
(176920512)
-
75
-
VIN = 12V, VOUT = 5V, IOUT = 200mA
(176920522)
-
73
-
VIN = 5V, VOUT = 12V, IOUT = 84mA
(176881212)
-
76
-
VIN = 5V, VOUT = 15V, IOUT = 66mA
(176861512)
-
76
-
Isolation characteristics
CISO
Isolation
capacitance
-
-
75
pF
RISO
Isolation resistance
Viso=500V
10
-
-
GΩ
All parameters are specified after a 15 minutes run-in time unless otherwise noted.
RELIABILITY
SYMBOL
PARAMETER
CONDITIONS
MIN (1)
TYP (3)
MAX (1)
UNIT
MTBF(11)
Mean Time
Between Failures
+25°C: Ground Benign
3000 x103
h
+100°C: Ground Benign
950 x103
h
APPROVALS
SYMBOL
STANDARD
DESCRIPTION
UL60950-1, 2nd Edition,
2007-03-27
Recognized for use as Information Technology Equipment, U.S.A.
(UL60950-1) and Canada (C22.2 No. 60950-1)
E-File: E487909
Applicable for altitudes up to 2000m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com