Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 27 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 27 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 23Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 24Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 25Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 26Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 27Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 28Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 29Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 30Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 31Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
27/37
EVALUATION BOARD SCHEMATIC (17800VISM v.1.0)
VOUTREG
VOUTGND
IC2
C8
IN
EN
GND
FB
OUT
C10
+
C9
R3
R4
C6
VIN
VINGND
C2
C7
+
C1
+VIN
-VIN
-VOUT
+VOUT
IC1
2
1
7
6
C3
L3
L3
L1
L2
J1-J7
R1
R2
C4
+
C5
L4
L5
VOUTUNREG
VOUTGND
Optional
Section 1
Section 2
Section 3 / Section 4
EMI Section
– Section 1 & Section 2
The FISM evaluation board is a multi-functional EMI optimization tool. It offers the possibility to optimize the EMI behavior
based on the application requirements by placing multiple differential (DM) and/or common mode (CM) filters.
Therefore, the evaluation board consists of three different filter sections. The tables below show the main component
selection possibilities:
Section 1
– green:
Section 2
– blue:
Filter type
Description
Filter type
Description
DM
C2 + L1
CM (Y-Cap)
C6
DM (PI)
C2 + L1 + C3
CM (Y-Cap)
C7
DM
C2 + L2
CM (Y-Cap)
C6 + C7
DM (PI)
C2 + L2 + C3
CM
L1+L2
CM
L3
DM
C2 + L4
DM (PI)
C2 + L4 + C3
DM
C2 + L5
DM (PI)
C2 + L5 + C3
CM
L4 + L5
Beside these two basic filter topologies, mixed versions (section 1 + section 2) are also possible with this evaluation board.
The optional additional aluminum electrolytic capacitor C1 is only for evaluation board protection purpose. It is mounted as
termination of the supply line and provides a slight damping of possible oscillations of the series resonance circuit
represented by the inductance of the supply line and the input capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com