Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  176920522 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
5/37
SYMBOL
PARAMETER
MIN (1)
TYP (3)
MAX (1)
UNIT
COUT MAX
Maximum output
capacitor for default
startup time (below
1s)
3.3VIN / 5VOUT version, IOUT = 200mA
(176920502)
-
-
1000
µF
5VIN / 5VOUT version, IOUT = 200mA
(176920512)
12VIN / 5VOUT version, IOUT = 200mA
(176920522)
5VIN / 12VOUT version, IOUT = 84mA
(176881212)
-
-
330
5VIN / 15VOUT version, IOUT = 66mA
(176861512)
-
-
220
TA
Ambient temperature range
-40
-
100
°C
All parameters are specified after a 15 minutes run-in time unless otherwise noted.
THERMAL SPECIFICATIONS
SYMBOL
PARAMETER
TYP (3)
UNIT
Tcase max
Maximum Case Temperature (top side)
110
°C
PACKAGE SPECIFICATIONS
ITEM
PARAMETER
TYP (2)
UNIT
Case
UL94V-0 (Refer to UL approval E150608)
-
-
φ (RH)
Operating humidity
5 - 95
%
Weight
1.0
g
IP
Degree of protection according to IEC/EN 60529.
X0
Vibration
MIL-STD-202G: 5g´s for 1 minute, 120 cycles each of 3 orientation, test from 10Hz-55Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com