Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 30 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 30 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 26Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 27Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 28Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 29Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 30Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 31Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 32Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 33Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 34Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
30/37
Filter Suggestions for Conducted and Radiated EMI
The input filter shown in the schematic below is recommended to achieve conducted and radiated EMI compliance
according to EN55032 Class B (see results on pages 12 to 16 RADIATED AND CONDUCTED EMISSIONS (WITH EMI
INPUT FILTER)).
C4
VIN
VINGND
C1
+VIN
-VIN
-VOUT
+VOUT
Module
2
1
4
5
VOUT
VOUTGND
L1
Y-Cap
LC Filter
MLCC based filter
Model: 3.3V  5V; 5V  5V; 5V  12V; 5V  15V
Model: 12V  5V
POLYMER CAP based filter
As a replacement for C1 and L1 following parts can be used for all models (176xxxxx2)
Note: C4 has to be rated for an impulse voltage equal or greater than the isolation voltage of the power module itself.
DESIGNATOR
DESCRIPTION
FILTER
ORDER CODE
MANUFACTURER
C1
Ceramic chip capacitor 22µF/10V 1210 X7R
LC
885012209006
Würth Elektronik
L1
Filter inductor, 2.2µH, PD2 family
744773022
Würth Elektronik
C4
Ceramic chip capacitor 470pF/250Vac/2500V
Impulse Voltage 1808 X7R
Y-Cap
885362210009
Würth Elektronik
DESIGNATOR
DESCRIPTION
FILTER
ORDER CODE
MANUFACTURER
C1
Ceramic chip capacitor 10µF/25V 1210 X7R
LC
885012209028
Würth Elektronik
L1
Filter inductor, 10µH, PD2 family
74477310
Würth Elektronik
C4
Ceramic chip capacitor 470pF/250Vac/2500V
Impulse Voltage 1808 X7R
Y-Cap
885362210009
Würth Elektronik
DESIGNATOR
DESCRIPTION
FILTER
ORDER CODE
MANUFACTURER
C1
Aluminum polymer capacitor 150µF/16V
WCAP- PSLP
LC
875105345011
Würth Elektronik
L1
Filter inductor, 3.3µH, PD2 family
744773033
Würth Elektronik
C4
Ceramic chip capacitor 470pF/250Vac/2500V
Impulse Voltage 1808 X7R
Y-Cap
885362210009
Würth Elektronik



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com