Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 9 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 9 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 13Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
9/37
INTENDED USE
– Typical Application
Load
L
N
AC
VDC1
“Reinforced Isolation“
uC
Bulk
VIN_AC
Power Supply Unit (PSU)
Power Module (isolated)
Primary Circuit
Secondary Circuit (SELV Circuit)
Bridge
Rectifier
“Functional Isolation“
+
-
+
-
VDC2
DC Bus
SELV
+VIN
-VIN
-VOUT
+VOUT
Module
2
1
4
5
+VIN
-VIN
-VOUT
+VOUT
The 176xxxxx2 MagI3C power modules are only intended to be used as a CLASS III equipment according to the UL60950-1
standard. That requires that the power module is supplied by a SELV (safe extra low voltage) circuit which provides
protection against electric shock. There are no HAZARDOUS voltages present in CLASS III Equipment.
A SELV circuit is a secondary circuit
that is designed to be protected from excessive voltages (≥42 Vac or ≥ 60Vdc) during
normal operating conditions and single fault conditions. A reinforced isolation is required at the boundary between the
primary and the secondary circuit.
A circuit which has no direct connection to the primary circuit and derives its power from a transformer, converter or
equivalently isolated device, or a battery, is defined as a secondary circuit.
In accordance to the safety standard UL60950-1, functional isolation (insulation) is defined as:
“1.2.9.1 Functional Insulation: insulation that is necessary only for the correct functioning of the equipment
NOTE: Functional Insulation by definition does not protect against electric shock. It may, however, reduce the likelihood of
ignition and fire.”
“1.2.9.5 Reinforced Insulation: single insulation system that provides a degree of protection against electric shock equivalent
to Double Insulation under the conditions specified in this standard.
NOTE: The Term “insulation system” does not imply that the insulation has to be in one homogeneous piece. It may
comprise several layers that cannot be tested as Basic Insulation and Supplementary Insulation
The above figure shows a typical application of an isolated power module. VDC1 is a hazardous voltage and
VDC2 is a SELV voltage.
ISOLATION VOLTAGE
To verify the integrity of an isolation a test voltage is applied for a specified time across a component that is designed to
provide electrical isolation. This test is known as a ‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’,
‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’.
All isolated power modules are all 100% production tested at their stated isolation voltage. This is 2kVDC for 1 second.
The isolation test voltage indicated in this datasheet is for voltage transient immunity only. It does not allow this part to be
used within a safety isolation system.
The part will function properly with several hundreds of volts applied continuously across the isolation barrier, however
surrounding components must be individually analyzed to ensure proper insulation. Isolation measures are taken to prevent
any user-accessible circuitry from causing harm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com