Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 11 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 11 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 13Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 14Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 15Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
11/37
TYPICAL PERFORMANCE CURVES
If not otherwise specified, the following conditions apply: TAMB = 25°C.
RADIATED AND CONDUCTED EMISSIONS (WITH EMI INPUT FILTER)
The 176xxxxx2 power module was tested in several EMC configurations to give more realistic information about
implementation in the applications. The test setup is based on CISPR16 with the limit values of CISPR32
FILTER SETUP
– MLCC capacitors
Application specific connection
– Using an MLCC based filter
Input cable length of 80cm, the resistive load is connected close to the output of the power module
3.3V  5V (176920502)
0
10
20
30
40
50
60
70
30
100
1000
Frequency [MHz]
Radiated Emissions 176920502 (3m Antenna Distance)
VIN = 3.3V, VOUT = 5V, ILOAD = 200mA
with input filter 22µF (885012209006) , 2.2µH (744773022)
and 470pF (885362240009)
Horizontal
Vertical
EN55022 Class A limit
EN55022 Class B limit
0
10
20
30
40
50
60
70
0.15
1
10
Frequency [MHz]
Conducted Emissions 176920502
VIN = 3.3V, VOUT = 5V, ILOAD = 200mA
with input filter 22µF (885012209006) , 2.2µH (744773022) and 470pF (885362240009)
Average Quasi peak
EN55022 Class B Quasi Peak limit
EN55022 Class B Average limit
80
-10
30
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com