Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 31 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 31 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 27Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 28Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 29Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 30Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 31Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 32Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 33Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 34Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 35Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
31/37
SOLDER PROFILE
1.
Only Pb-Free assembly is recommended according to JEDEC J-STD020.
2.
Measure the peak reflow temperature of the MagI³C power module in the middle of the top view.
3.
Ensure that the peak reflow temperature does not exceed 240°C ±5°C as per JEDEC J-STD020.
4.
The reflow time period during peak temperature of 240°C ±5°C must not exceed 30 seconds.
5.
Reflow time above liquidus (217°C) must not exceed 150 seconds.
6.
Maximum ramp up is rate 3°C per second
7.
Maximum ramp down rate is 6°C per second
8.
Reflow time from room (25°C) to peak must not exceed 8 minutes as per JEDEC J-STD020.
9.
Maximum number of reflow cycles is one.
10. For minimum risk, solder the module in the last reflow cycle of the PCB production.
11. For soldering process please consider lead material copper (Cu) and lead finish tin (Sn).
12. For solder paste use a standard SAC Alloy such as SAC 305, type 3 or higher.
13. Below profile is valid for convection reflow only
14. Other soldering methods (e.g. vapor phase) are not verified and have to be validated by the customer on his own
risk
Time [sec]
150
200
217
Max 245
Max 120 sec
Min 60 sec
Max 150 sec
Min 60 sec
Max 30 sec
240°C
Ramp Up Rate
Max 3°C/sec
Ramp Down Rate
Max 6°C/sec
Max 2 solder cycles !
Preheat
Liquidus
Peak
DEFINITION OF SOLDER CYCLES
1st cycle: the module is placed on top of the PCB and reflow soldered
2nd cycle: the module remains on top and the PCB and is wave soldered from the bottom
2nd cycle: the module remains on top and the board is reflow soldered a second time, exposing the module to
the reflow heating profile
Note: Module is not allowed to be glued and soldered upside down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com