Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 28 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 28 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 24Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 25Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 26Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 27Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 28Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 29Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 30Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 31Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 32Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
28/37
Post regulation option
– Section 3 & Section 4
FEATURE
DESCRIPTION
Regulated output voltage
Output voltage accuracy at 100% load, VIN nominal
without LDO ±5% (max)
with LDO ±3% (max.)
Low dropout voltage: 180mV typical at 200 mA
5V out unregulated turns into 5V out regulated
Adjustable output voltage
5V / 5V standard module turns into 5V / VOUT
adjustable
Continuous short circuit protection
LDO output is capable of continuous short circuit
Note: Capacitor C10 is not necessary for operation.
TOP LAYER
BOTTOM LAYER
L3
Bill of Material
REF.
DES.
DESCRIPTION
QUANTITY
ORDER CODE
MANUFACTURER
IC1
FISM MagI3C power module
1
176xxxxx2,
1779205x1,
1779205x4
Würth Elektronik
IC2
Micropower,200-mA Ultra-Low-Dropout
Fixed or Adjustable Voltage Regulator
1
LP2986
Texas Instruments
C1
Aluminum electrolytic capacitor, WCAP-ASLU
family, 33
μF/50V
1
865090645012
Würth Elektronik
C2
Ceramic chip capacitor WCAP-CSGP 50V 1210
X7R (not mounted)
optional
885012209XXX
Würth Elektronik
C3
Ceramic chip capacitor WCAP-CSGP 50V 1210
X7R (not mounted)
optional
885012209XXX
Würth Elektronik
L1
L2
R2
R1
C2
C3
C1
IC1
C7
C6
C4
C5
C8
IC2
C9
R3
C10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com