Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 10 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 10 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 13Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 14Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
10/37
DIELECTRIC STRENGTH TEST SETUP (HIGH POT TEST)
Connect all input
– and output terminals together (see figure below) before connecting the supply voltage. When testing, set
the cut-off current to 1mA.
+VIN
-VIN
-VOUT
+VOUT
Module
2
1
4
5
VIN
VOUT
VOUTGND
VINGND
Sup ply
Parameters Supply Device: Current limit set 1mA, Test voltage 2000Vdc, Test time 1sec.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
A repeated high voltage test of a barrier component will degrade its isolation capabilities.
The primary and secondary windings within this transformer are enameled (coated) but do not possess additional isolation.
Typically, parts can withstand many times their stated test voltage and still perform optimally. The magnet wire coating can
degrade over time due to chemical reactions that occur at high voltages. We recommend keeping high voltage isolation
testing to a minimum to better protect the isolation between the windings. If repeated high voltage isolation testing is
required, consider reducing the voltage by a significant amount e.g. 20% from the test voltage stated within the datasheet.
These safety concerns are equally applicable to components that utilize functional isolation beyond wire coating (i.e.
physical barriers or spacing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com