Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 24 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 24 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 20Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 21Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 22Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 23Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 24Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 25Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 26Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 27Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 28Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
24/37
APPLICATION CONSIDERATIONS
Primary side parallel connection
A standard industrial configuration is, that the power modules are supplied by a dc bus voltage. When using multiple
modules connected to a single dc bus voltage the individual module inputs have to be decoupled by LC filters.
The LC filter reduces the likelihood of oscillations due to parasitics of a layout/routing. Therefore, it is not recommended
to connect power modules in parallel on the primary side without an LC filter.
The outputs are not connected to each other and could have individual voltages VOUT1 and VOUT2.
+VIN
-VIN
-VOUT
+VOUT
Module 2
2
1
4
5
L2
C2
+VIN
-VIN
-VOUT
+VOUT
Module 1
2
1
4
5
L1
C1
DC
BUS
+
-
VOUT 1
VOUT 2
+
-
+
-
Decoupl ing fi lter
Decoupl ing fi lter
As a starting point for the decoupling filters, use the values of the reference filters
– see also “RADIATED AND
CONDUCTED EMISSIONS (WITH EMI INPUT FILTER)
”. The final appropriate filter for the application has then to be
evaluated under operation in the target application by checking e.g. the change of the input ripple voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com