Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 25 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 25 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 21Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 22Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 23Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 24Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 25Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 26Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 27Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 28Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 29Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
25/37
Secondary side serial connection
To generate higher output voltage/special rail voltages it is possible to put the outputs of the 176xxxxx2 in series. It is
common practice to connect an additional capacitor between the +VOUT and
–VOUT.
+VIN
-VIN
-VOUT
+VOUT
Module 2
2
1
4
5
L2
C2
Decoupl ing fi lter
+VIN
-VIN
-VOUT
+VOUT
Module 1
2
1
4
5
L1
C1
Decoupl ing fi lter
Capacitor
2xVOUT
+
-
DC
BUS
+
-
When using multiple modules connected to a single dc bus voltage the individual module inputs have to be decoupled by LC
filters. The LC filter reduces the likelihood of oscillations due to parasitics of a layout/routing. Therefore, it is not
recommended to connect power modules in parallel on the primary side without an LC filter. See also Primary side parallel
connection on page 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com