Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 26 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 26 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 22Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 23Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 24Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 25Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 26Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 27Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 28Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 29Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 30Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
26/37
Generating Complementary Output Voltages
Another common requirement in industrial applications is to provide a complementary voltage (e.g. ±5V). The circuit below
shows how this target can be achieved simply combining a 176xxxxx2 used in a standard configuration (delivering a positive
output voltage) with a 176xxxxx2 in a reverse configuration. It is a common practice to connect an additional capacitor
across each output voltage.
+VIN
-VIN
-VOUT
+VOUT
Module 2
2
1
4
5
L2
C2
Decoupl ing fi lter
+VIN
-VIN
-VOUT
+VOUT
Module 1
2
1
4
5
L1
C1
Decoupl ing fi lter
Capacitor
Capacitor
DC
BUS
+
-
+
-
+VOUT
-
-VOUT
+
When using multiple modules connected to a single dc bus voltage the individual module inputs have to be decoupled by LC
filters. The LC filter reduces the likelihood of oscillations due to parasitics of a layout/routing. Therefore, it is not
recommended to connect power modules in parallel on the primary side without an LC filter. See also Primary side parallel
connection on page 25.
Note: The decoupling filters are present to avoid oscillations between the two power modules. These filters don´t replace the
EMI input filter.
Reverse Polarity Protection
A simple way of creating an input reverse polarity protection is to place a diode in series with the plus input line. The diode
blocks all negative voltages that might be applied at the plus input because of operating reverse biased. Due to the forward
voltage drop of the diode the application efficiency drops.
+VIN
-VIN
-VOUT
+VOUT
Module
2
1
4
5
VOUT
VOUTGND
Reverse polarity
blocking diode
DC
BUS
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com