Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  176920522 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
4/37
OPERATING CONDITIONS
Operating conditions are conditions under which operation of the device is intended to be functional. All values are
referenced to respective GND.
MIN and MAX limits are valid for the recommended ambient temperature range of -40°C to 100°C. Typical values represents
statistically the utmost probability at following conditions: TA = 25°C, VIN=nominal VOUT=nominal IOUT=nominal unless
otherwise noted.
SYMBOL
PARAMETER
MIN (1)
TYP (3)
MAX (1)
UNIT
VIN
Input voltage
3.3VIN / 5VOUT version, (176920502)
2.97
3.3
3.63
V
5VIN / 5VOUT version, (176920512)
4.5
5
5.5
5VIN / 12VOUT version, (176881212)
5VIN / 15VOUT version, (176861512)
12VIN / 5VOUT version, (176920522)
10.8
12
13.2
VOUT
Nominal output
voltage
3.3VIN / 5VOUT version, IOUT = 200mA
(176920502)
4.75
5
5.25
V
5VIN / 5VOUT version, IOUT = 200mA
(176920512)
12VIN / 5VOUT version, IOUT = 200mA
(176920522)
5VIN / 12VOUT version, IOUT = 84mA
(176881212)
11.40
12
12.60
5VIN / 15VOUT version, IOUT = 66mA
(176861512)
14.25
15
15.75
IOUT
Nominal output
current(4)
3.3VIN / 5VOUT version, (176920502)
0
-
200
mA
5VIN / 5VOUT version, (176920512)
12VIN / 5VOUT version, (176920522)
5VIN / 12VOUT version, (176881212)
0
-
84
5VIN / 15VOUT version, (176861512)
0
-
66
POUT
Nominal output
power
176xxxxx2
-
-
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com