Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  176920522 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
2/37
1
2
4
5
8
ORDERING INFORMATION
ORDER CODE
PART DESCRIPTION
SPECIFICATIONS
PACKAGE
PACKAGING UNIT
176920502
WPMIC9200502S
3.3VIN / 5VOUT version
SMT-8
Tape&Reel 500pcs
176920512
WPMIB9200502S
5VIN / 5VOUT version
SMT-8
Tape&Reel 500pcs
176920522
WPMIA9200502S
12VIN / 5VOUT version
SMT-8
Tape&Reel 500pcs
176881212
WPMIB9081202S
5VIN / 12VOUT version
SMT-8
Tape&Reel 500pcs
176861512
WPMIB9061502S
5VIN / 15VOUT version
SMT-8
Tape&Reel 500pcs
17800FISM
3.3 to 12VIN / 5 to 15VOUT
Eval Board
1
SALES INFORMATION
SALES CONTACTS
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 7942 945 0
www.we-online.com/powermodules
Technical support: powermodules@we-online.com
MARKING DESCRIPTION
MARKING
DESCRIPTION
WE
Würth Elektronik tradename
YY
Year
WW
Calendar week
176xxxxx2
Ordering code
AA
Input voltage
BB
Output voltage
C
Isolation voltage
PIN DESCRIPTION
SYMBOL
NUMBER
TYPE
DESCRIPTION
- VIN
1
Power
Input ground
+ VIN
2
Power
Input voltage
-VOUT
4
Power
Output ground
+VOUT
5
Power
Output voltage
N.C.
8
Power
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com