Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 29 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 29 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 25Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 26Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 27Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 28Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 29Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 30Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 31Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 32Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 33Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
29/37
REF.
DES.
DESCRIPTION
QUANTITY
ORDER CODE
MANUFACTURER
C4
Ceramic chip capacitor WCAP-CSGP 50V 1210
X7R (not mounted)
optional
885012209XXX
Würth Elektronik
C5
Aluminum electrolytic capacitor, WCAP-ASLU
family, 33
μF/50V
1
865090645012
Würth Elektronik
C6
Ceramic chip capacitor WCAP-CSSA family 1808
(not mounted)
optional
885362XXXXXX
Würth Elektronik
C7
Ceramic chip capacitor WCAP-CSSA family 1808
(not mounted)
optional
885362XXXXXX
Würth Elektronik
C8
Ceramic chip capacitor WCAP-CSGP 16V 0805
X7R
1
885012107014
Würth Elektronik
C9
Aluminum electrolytic capacitor, WCAP-ASLU
family, 33
μF/50V
1
865090645012
Würth Elektronik
C10
(not mounted)
optional
Würth Elektronik
L1
Filter inductor e.g. WE-PD2 (not mounted)
optional
7447730XX
Würth Elektronik
L2
Filter inductor e.g. WE-PD2 (not mounted)
optional
7447730XX
Würth Elektronik
L3
Common mode choke e.g. WE-SL1 (not
mounted)
optional
744212XXX
Würth Elektronik
L4
Filter inductor e.g. WE-CBF family (not mounted)
optional
7427920XX
Würth Elektronik
L5
Filter inductor e.g. WE-CBF family (not mounted)
optional
7427920XX
Würth Elektronik
R1
SMD
bridge 0Ω resistance 0603/0805
1
-
Various
R2
SMD bridge 0Ω resistance 0805
1
-
Various
R3
SMD 1kΩ resistor 0805
1
-
Various
R4
Set
by
jumper
4k42
Ω for VOUT = 1.5V
1
-
Various
2k10
Ω for VOUT = 1.8V
1
-
Various
953
Ω for VOUT = 2.5V
1
-
Various
590
Ω for VOUT = 3.3V
1
-
Various
324
Ω for VOUT = 5V
1
-
Various
For adjustable VOUT:
VOUT=(
R3
R4
+ 1)
optional
-
Various
J1
Jumper for selecting the output voltage
1
609976302001
Würth Elektronik



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com