Electronic Components Datasheet Search
  English  ▼

X  

176920522 Datasheet(PDF) 36 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 176920522
Description  3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

176920522 Datasheet(HTML) 36 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 176920522 Datasheet HTML 29Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 30Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 31Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 32Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 33Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 34Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 35Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 36Page - Wurth Elektronik GmbH & Co. KG, Germany. 176920522 Datasheet HTML 37Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
1769205x2, 176881212, 176861512
MagI3C Power Module
FISM
– Fixed Isolated SMT Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2018
36/37
CAUTIONS AND WARNINGS
The following conditions apply to all goods within the product series of MagI³C of
Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data-sheet have to be complied with.
The usage and operation of the product within ambient conditions which probably alloy or harm the component surface has
to be avoided.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within
the authority of the customer. All technical specifications for standard products do also apply for customer specific products.
Residual washing varnish agent that is used during the production to clean the application might change the characteristics
of the body, pins or termination. The washing varnish agent could have a negative effect on the long term function of the
product.
Direct mechanical impact to the product shall be prevented as the material of the body, pins or termination could flake or in
the worst case it could break. As these devices are sensitive to electrostatic discharge customer shall follow proper IC
Handling Procedures.
Customer acknowledges and agrees that it is solely responsible for compliance with all legal, regulatory and safety-related
requirements concerning its products, and any use of Würth Elektronik eiSos GmbH & Co. KG components in its
applications, notwithstanding any applications-related information or support that may be provided by Würth Elektronik eiSos
GmbH & Co. KG. Customer represents and agrees that it has all the necessary expertise to create and implement
safeguards which anticipate dangerous consequences of failures, monitor failures and their consequences lessen the
likelihood of failures that might cause harm and take appropriate remedial actions. Customer will fully indemnify Würth
Elektronik eiSos and its representatives against any damages arising out of the use of any Würth Elektronik eiSos GmbH &
Co. KG components in safety-critical applications.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
The solder profile has to comply with the technical reflow or wave soldering specification, otherwise this will void the
warranty.
All products are supposed to be used before the end of the period of 12 months based on the product date-code.
Violation of the technical product specifications such as exceeding the absolute maximum ratings will void the warranty.
It is also recommended to return the body to the original moisture proof bag and reseal the moisture proof bag again.
ESD prevention methods need to be followed for manual handling and processing by machinery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com