Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 4 Page - Texas Instruments

  AM625 Datasheet HTML 1Page - Texas Instruments AM625 Datasheet HTML 2Page - Texas Instruments AM625 Datasheet HTML 3Page - Texas Instruments AM625 Datasheet HTML 4Page - Texas Instruments AM625 Datasheet HTML 5Page - Texas Instruments AM625 Datasheet HTML 6Page - Texas Instruments AM625 Datasheet HTML 7Page - Texas Instruments AM625 Datasheet HTML 8Page - Texas Instruments AM625 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 235 page
background image
2 Applications
• Human Machine Interfaces (HMI)
• Retail automation
• Driver Monitoring System (DMS/OMS) / In-Cabin Monitoring (ICM)
• Telematics Control Unit (TCU)
• 3D Point Cloud
• Vehicle to Infrastructure / Vehicle to Vehicle (V2X / V2V)
• 3D Re-configurable automotive instrument cluster
• Appliance user interface and connectivity
• Medical equipment
3 Description
The low-cost AM62x Sitara™ MPU family of application processors are built for Linux® application development.
With scalable Arm® Cortex®-A53 performance and embedded features, such as: dual-display support and 3D
graphics acceleration, along with an extensive set of peripherals that make the AM62x device well-suited for
a broad range of industrial and automotive applications while offering intelligent features and optimized power
architecture as well.
Some of these applications include:
• Industrial HMI
• EV charging stations
• Touchless building access
• Driver monitoring systems
AM62x Sitara™ processors are industrial-grade in the 13 x 13 mm package (ALW) and can meet the AEC-
Q100 automotive standard in the 17.2 x 17.2 mm package (AMC). Industrial and Automotive functional safety
requirements can be addressed using the integrated Cortex-M4F cores and dedicated peripherals, which can all
be isolated from the rest of the AM62x processor.
The 2-port Gigabit Ethernet switch has one internal port and two external ports with Time-Sensitive Networking
(TSN) support. An additional PRU module on the device enables real-time I/O capability for customer’s own
use cases. In addition, the extensive set of peripherals included in AM62x enables system-level connectivity,
such as: USB, MMC/SD, Camera interface, OSPI, CAN-FD and GPMC for parallel host interface to an external
ASIC/FPGA. The AM62x device also supports secure boot for IP protection with the built-in Hardware Security
Module (HSM) and employs advanced power management support for portable and power-sensitive applications
Products in the AM62x processor family:
• AM623—IoT and gateway SoC with Arm® Cortex®-A53 based object and gesture recognition
• AM625—Human-Machine InteractionSoC with Arm® Cortex®-A53 based edge AI, full-HD dual-display
Package Information
PART NUMBER(2)
PACKAGE(1)
BODY SIZE
XAM625...ALW
FCCSP BGA (425-pin)
13 mm × 13 mm
XAM623...ALW
FCCSP BGA (425-pin)
13 mm × 13 mm
AM625...ALW
FCCSP BGA (425-pin)
13 mm × 13 mm
AM623...ALW
FCCSP BGA (425-pin)
13 mm × 13 mm
AM625...AMC
FCBGA (441-pin)
17.2 mm x 17.2 mm
(1)
For more information, see Section 11, Mechanical, Packaging, and Orderable Information.
(2)
All XAM625x and XAM623x part numbers correspond to the fully featured XAM6254ATCGGAALW.
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com