Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 91 Page - Texas Instruments

Back Button AM625 Datasheet HTML 87Page - Texas Instruments AM625 Datasheet HTML 88Page - Texas Instruments AM625 Datasheet HTML 89Page - Texas Instruments AM625 Datasheet HTML 90Page - Texas Instruments AM625 Datasheet HTML 91Page - Texas Instruments AM625 Datasheet HTML 92Page - Texas Instruments AM625 Datasheet HTML 93Page - Texas Instruments AM625 Datasheet HTML 94Page - Texas Instruments AM625 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 235 page
background image
over operating junction temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN(1)
NOM
MAX(1)
UNIT
TJ
Operating junction temperature range
Automotive
-40
125
°C
Extended
-40
105
°C
Commercial
0
95
°C
(1)
The voltage at the device ball must never drop below the MIN voltage or rise above the MAX voltage for any amount of time during
normal device operation.
(2)
VDD_CORE, VDDA_CORE_CSIRX0, VDDA_CORE_USB, and VDDA_DDR_PLL0 shall be sourced from the same power source.
Care should be taken to ensure that voltage differential between VDD_CORE and VDDA_CORE_USB is within +/- 1%.
(3)
The VDDA_DDR_PLL0 power rail is only available on the AMC package. This power rail is internally connected to VDD_CORE in the
ALW package.
(4)
VDD_CANUART and VDDSHV_CANUART shall be connected to always on power sources when using Partial IO low power mode.
VDD_CANUART shall be connected to the same power source as VDD_CORE and VDDSHV_CANUART shall be connected to any
valid IO power source when not using Partial IO low power mode.
(5)
VDDS_DDR and VDDS_DDR_C shall be sourced from the same power source.
(6)
The VMON_VSYS pin provides a way to monitor the system power supply. For more information, see Section 9.2.4, System Power
Supply Monitor Design Guidelines.
(7)
An external resistor divider is required to limit the voltage applied to this device pin. For more information, see Section 9.2.3, USB
Design Guidelines.
7.5 Operating Performance Points
This section describes maximum operating conditions of the device in Table 7-1 and describes each Operating
Performance Point (OPP) for processor clocks and device core clocks in Table 7-2.
Table 7-1. Device Speed Grades
Speed
Grade
VDD_CORE
(V)(1)
MAXIMUM OPERATING FREQUNCY (MHz)
MAXIMUM
TRANSITION
RATE (MT/s)(2)
A53SS
(Cortex-
A53x)
GPU
PRU
Main
Infra
(CBA)
MCUSS
(Cortex-
M4F)
Device
Manager
(Cortex-
R5F)
SMS
Subsystem
(Dual
Cortex-
M4F)
OCSRAM
DDR4
LPDDR4
K
0.75/0.85
800
500
333
250
400
400
400
400
1600
1600
S
0.75/0.85
1000
500
333
250
400
400
400
400
1600
1600
T
0.75/0.85
1250
500
333
250
400
400
400
400
1600
1600
0.85
1400
(1)
Nominal operating voltage, see Recommended Operating Conditions.
(2)
Maximum DDR Frequency will be limited based on the specific memory type (vendor) used in a system and by PCB implementation.
Refer to DDR Board Design and Layout Guidelines for the proper PCB implementation to achieve maximum DDR frequency.
Table 7-2. Device Operating Performance Points
OPP
A53SS(1)
FIXED OPERATING FREQUENCY OPTIONS (MHz)(2)
MT/s(3)
GPU
PRU
MAIN
INFRA (CBA)
MCUSS
DEVICE
MANAGER
SMS /
SMS CBA
OCSRAM
DDR4
LPDDR4
 
High
 
From
ARM0
PLL
Bypass
to
Speed
Grade
Maximum
500
333,
250,
or
200
250
400
or
200
400
400
400
 
1600
(Max) 
 
From
DDR
PLL
Bypass(4)
to
1600
Low
N/A
125
133
133
133
250
(DRAM DLL
Bypass)
 
(1)
Default operating frequency, set by software at boot. Supports Dynamic Frequency Scaling after boot.
(2)
Fixed operating frequency, set by software at boot.
(3)
Maximum DDR Frequency will be limited based on the specific memory type (vendor) used in a system and by PCB implementation.
Refer to DDR Board Design and Layout Guidelines for the proper PCB implementation to achieve maximum DDR frequency.
(4)
The DDR PLL output, which sources DDR0_CK0 and DDR0_CK0_n, is typically defined in units of frequency. So the "DDR PLL
Bypass" transaction rate is equal to 2x the DDR PLL output frequency when operating in bypass mode.
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com