Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 92 Page - Texas Instruments

Back Button AM625 Datasheet HTML 88Page - Texas Instruments AM625 Datasheet HTML 89Page - Texas Instruments AM625 Datasheet HTML 90Page - Texas Instruments AM625 Datasheet HTML 91Page - Texas Instruments AM625 Datasheet HTML 92Page - Texas Instruments AM625 Datasheet HTML 93Page - Texas Instruments AM625 Datasheet HTML 94Page - Texas Instruments AM625 Datasheet HTML 95Page - Texas Instruments AM625 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 235 page
background image
7.6 Power Consumption Summary
For information on the device power consumption contact your TI Representative.
7.7 Electrical Characteristics
Note
The interfaces or signals described in Section 7.7 correspond to the interfaces or signals available in
multiplexing mode 0 (Primary Signal Function).
All interfaces or signals multiplexed on the balls described in these tables have the same DC electrical
characteristics, unless multiplexing involves a PHY and GPIO combination, in which case different DC
electrical characteristics are specified for the different multiplexing modes (Functions).
7.7.1 I2C Open-Drain, and Fail-Safe (I2C OD FS) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.8 V MODE
VIL
Input Low Voltage
0.3 × VDD
(1)
V
VILSS
Input Low Voltage Steady State
0.3 × VDD
(1)
V
VIH
Input High Voltage
0.7 × VDD
(1)
V
VIHSS
Input High Voltage Steady State
0.7 × VDD
(1)
V
VHYS
Input Hysteresis Voltage
0.1 × VDD
(1)
TBD
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0 V
±10
±10
µA
VOL
Output Low Voltage
0.2 × VDD
(1)
V
IOL
Low Level Output Current
VOL(MAX)
20
mA
SRI
Input Slew Rate
TBD
TBD
TBD
V/s
3.3 V MODE
(2)
VIL
Input Low Voltage
0.3 × VDD
(1)
V
VILSS
Input Low Voltage Steady State
0.25 × VDD
(1)
V
VIH
Input High Voltage
0.7 × VDD
(1)
V
VIHSS
Input High Voltage Steady State
0.7 × VDD
(1)
V
VHYS
Input Hysteresis Voltage
0.05 × VDD
(1)
TBD
mV
IIN
Input Leakage Current.
VI = 3.3 V
or
VI = 0 V
±10
±10
µA
VOL
Output Low Voltage
0.4
V
IOL (3)
Low Level Output Current
VOL(MAX)
20
mA
SRI
Input Slew Rate
TBD
TBD
8E + 7
V/s
(1)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball(s), see
POWER column of the Pin Attributes table.
(2)
I2C HS-mode is not supported when operating the IO in 3.3 V mode.
(3)
The IOL parameter defines the minimum Low Level Output Current for which the device is able to maintain the specified VOL value.
The value defined by this parameter should be considered the maximum current available to a system implementation which needs to
maintain the specified VOL value for attached components.
7.7.2 Fail-Safe Reset (FS RESET) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input Low Voltage
0.3 ×
VDDS_OSC
V
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
92
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com