Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AM625 Datasheet HTML 10Page - Texas Instruments AM625 Datasheet HTML 11Page - Texas Instruments AM625 Datasheet HTML 12Page - Texas Instruments AM625 Datasheet HTML 13Page - Texas Instruments AM625 Datasheet HTML 14Page - Texas Instruments AM625 Datasheet HTML 15Page - Texas Instruments AM625 Datasheet HTML 16Page - Texas Instruments AM625 Datasheet HTML 17Page - Texas Instruments AM625 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 235 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
H15
G12
CAP_VDDS0
CAP_VDDS0
CAP
K18
L15
CAP_VDDS1
CAP_VDDS1
CAP
W17
R13
CAP_VDDS2
CAP_VDDS2
CAP
P19
M15
CAP_VDDS3
CAP_VDDS3
CAP
U7
N8
CAP_VDDS4
CAP_VDDS4
CAP
H17
G15
CAP_VDDS5
CAP_VDDS5
CAP
J19
J15
CAP_VDDS6
CAP_VDDS6
CAP
G9
G8
CAP_VDDS_CANUART
CAP_VDDS_CANUART
CAP
H11
G11
CAP_VDDS_MCU
CAP_VDDS_MCU
CAP
AD15
AA14
CSI0_RXCLKN
CSI0_RXCLKN
I
1.8 V
VDDA_1P8_CSIRX
D-PHY
AE15
AA13
CSI0_RXCLKP
CSI0_RXCLKP
I
1.8 V
VDDA_1P8_CSIRX
D-PHY
AA14
T11
CSI0_RXRCALIB
CSI0_RXRCALIB
A
1.8 V
VDDA_1P8_CSIRX
D-PHY
AB14
Y13
CSI0_RXN0
CSI0_RXN0
I
1.8 V
VDDA_1P8_CSIRX
D-PHY
AD14
V13
CSI0_RXN1
CSI0_RXN1
I
1.8 V
VDDA_1P8_CSIRX
D-PHY
AD13
U12
CSI0_RXN2
CSI0_RXN2
I
1.8 V
VDDA_1P8_CSIRX
D-PHY
AB12
W12
CSI0_RXN3
CSI0_RXN3
I
1.8 V
VDDA_1P8_CSIRX
D-PHY
AC15
Y12
CSI0_RXP0
CSI0_RXP0
I
1.8 V
VDDA_1P8_CSIRX
D-PHY
AE14
V12
CSI0_RXP1
CSI0_RXP1
I
1.8 V
VDDA_1P8_CSIRX
D-PHY
AE13
U11
CSI0_RXP2
CSI0_RXP2
I
1.8 V
VDDA_1P8_CSIRX
D-PHY
AC13
W11
CSI0_RXP3
CSI0_RXP3
I
1.8 V
VDDA_1P8_CSIRX
D-PHY
N6
M1
DDR0_ACT_n
DDR0_ACT_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
R3
N1
DDR0_ALERT_n
DDR0_ALERT_n
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
M4
J3
DDR0_CAS_n
DDR0_CAS_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
T1
M2
DDR0_PAR
DDR0_PAR
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
M5
K5
DDR0_RAS_n
DDR0_RAS_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
N3
J2
DDR0_WE_n
DDR0_WE_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
J1
F5
DDR0_A0
DDR0_A0
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
J2
G5
DDR0_A1
DDR0_A1
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
K3
G4
DDR0_A2
DDR0_A2
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com