Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 75 Page - Texas Instruments

Back Button AM625 Datasheet HTML 71Page - Texas Instruments AM625 Datasheet HTML 72Page - Texas Instruments AM625 Datasheet HTML 73Page - Texas Instruments AM625 Datasheet HTML 74Page - Texas Instruments AM625 Datasheet HTML 75Page - Texas Instruments AM625 Datasheet HTML 76Page - Texas Instruments AM625 Datasheet HTML 77Page - Texas Instruments AM625 Datasheet HTML 78Page - Texas Instruments AM625 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 235 page
background image
Table 6-50. PRU_ICSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
PR0_PRU0_GPI2
I
PRU_ICSS PRU Data Input
AA1, AB25,
AE23, N24,
U25
L20, P19, U19,
V1, W18
PR0_PRU0_GPI3
I
PRU_ICSS PRU Data Input
AA2, AA24,
AB20, N25,
U24
L21, P20, V2,
V21, Y20
PR0_PRU0_GPI4
I
PRU_ICSS PRU Data Input
AC21, P24,
Y22, Y3
M21, U18, V3,
Y19
PR0_PRU0_GPI5
I
PRU_ICSS PRU Data Input
AA21, P22
L17, V20
PR0_PRU0_GPI6
I
PRU_ICSS PRU Data Input
AB24, P21
L18, W21
PR0_PRU0_GPI7
I
PRU_ICSS PRU Data Input
R23, Y20
M20, T17
PR0_PRU0_GPI8
I
PRU_ICSS PRU Data Input
P25, U22
M19, R21
PR0_PRU0_GPI9
I
PRU_ICSS PRU Data Input
L23, V24
K20, P18
PR0_PRU0_GPI10
I
PRU_ICSS PRU Data Input
L24, W25
K21, R18
PR0_PRU0_GPI11
I
PRU_ICSS PRU Data Input
L25, W24
J17, R19
PR0_PRU0_GPI12
I
PRU_ICSS PRU Data Input
M24, Y25
K17, R20
PR0_PRU0_GPI13
I
PRU_ICSS PRU Data Input
N20, Y24
K18, T20
PR0_PRU0_GPI14
I
PRU_ICSS PRU Data Input
U23, Y23
P21, T21
PR0_PRU0_GPI15
I
PRU_ICSS PRU Data Input
AA25, K25
J20, T19
PR0_PRU0_GPI16
I
PRU_ICSS PRU Data Input
AE22, M22,
W21
J19, R17, W20
PR0_PRU0_GPI17
I
PRU_ICSS PRU Data Input
M21, V21
J18, U21
PR0_PRU0_GPI18
I
PRU_ICSS PRU Data Input
AC25, L21
H17, T16
PR0_PRU0_GPI19
I
PRU_ICSS PRU Data Input
AC24, K22
H18, U17
PR0_PRU0_GPO0
IO
PRU_ICSS PRU Data Output
AD22, M25,
T22, V20, Y4
K19, N17, T18,
W1, W19
PR0_PRU0_GPO1
IO
PRU_ICSS PRU Data Output
AA23, AA3,
AD23, N23,
T24
L19, N19, U20,
V18, W2
PR0_PRU0_GPO2
IO
PRU_ICSS PRU Data Output
AA1, AB25,
AE23, N24,
U25
L20, P19, U19,
V1, W18
PR0_PRU0_GPO3
IO
PRU_ICSS PRU Data Output
AA2, AA24,
AB20, N25,
U24
L21, P20, V2,
V21, Y20
PR0_PRU0_GPO4
IO
PRU_ICSS PRU Data Output
AC21, P24,
Y22, Y3
M21, U18, V3,
Y19
PR0_PRU0_GPO5
IO
PRU_ICSS PRU Data Output
AA21, P22
L17, V20
PR0_PRU0_GPO6
IO
PRU_ICSS PRU Data Output
AB24, P21
L18, W21
PR0_PRU0_GPO7
IO
PRU_ICSS PRU Data Output
R23, Y20
M20, T17
PR0_PRU0_GPO8
IO
PRU_ICSS PRU Data Output
P25, U22
M19, R21
PR0_PRU0_GPO9
IO
PRU_ICSS PRU Data Output
L23, V24
K20, P18
PR0_PRU0_GPO10
IO
PRU_ICSS PRU Data Output
L24, W25
K21, R18
PR0_PRU0_GPO11
IO
PRU_ICSS PRU Data Output
L25, W24
J17, R19
PR0_PRU0_GPO12
IO
PRU_ICSS PRU Data Output
M24, Y25
K17, R20
PR0_PRU0_GPO13
IO
PRU_ICSS PRU Data Output
N20, Y24
K18, T20
PR0_PRU0_GPO14
IO
PRU_ICSS PRU Data Output
U23, Y23
P21, T21
PR0_PRU0_GPO15
IO
PRU_ICSS PRU Data Output
AA25, K25
J20, T19
PR0_PRU0_GPO16
IO
PRU_ICSS PRU Data Output
AE22, M22,
W21
J19, R17, W20
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com