Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 97 Page - Texas Instruments

Back Button AM625 Datasheet HTML 93Page - Texas Instruments AM625 Datasheet HTML 94Page - Texas Instruments AM625 Datasheet HTML 95Page - Texas Instruments AM625 Datasheet HTML 96Page - Texas Instruments AM625 Datasheet HTML 97Page - Texas Instruments AM625 Datasheet HTML 98Page - Texas Instruments AM625 Datasheet HTML 99Page - Texas Instruments AM625 Datasheet HTML 100Page - Texas Instruments AM625 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 235 page
background image
7.9 Thermal Resistance Characteristics
This section provides the thermal resistance characteristics used on this device.
For reliability and operability concerns, the maximum junction temperature of the device has to be at or below
the TJ value identified in Section 7.4, Recommended Operating Conditions.
7.9.1 Thermal Resistance Characteristics for ALW and AMC Package
It is recommended to perform thermal simulations at the system level with the worst case device power consumption.
NO.
PARAMETER
DESCRIPTION
ALW
PACKAGE
°C/W(1) (2)
AMC
PACKAGE
°C/W(1) (2)
AIR
FLOW
(m/s)(3)
T1
RΘJC
Junction-to-case
3.7
1.2
N/A
T2
RΘJB
Junction-to-board
8.3
3.9
N/A
T3
RΘJA
Junction-to-free air
22.3
13.3
0
T4
Junction-to-moving air
15.7
9.7
1
T5
14.5
8.7
2
T6
13.9
8.1
3
T7
ΨJT
Junction-to-package top
0.2
0.73
0
T8
0.3
0.75
1
T9
0.3
0.76
2
T10
0.3
0.77
3
T11
ΨJB
Junction-to-board
8.2
3.7
0
T12
7.7
3.4
1
T13
7.6
3.3
2
T14
7.5
3.3
3
(1)
°C/W = degrees Celsius per watt.
(2)
These values are based on a JEDEC defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on
a JEDEC defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions - Forced Convection (Moving Air)
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Packages
(3)
m/s = meters per second.
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com