Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM625 Datasheet HTML 65Page - Texas Instruments AM625 Datasheet HTML 66Page - Texas Instruments AM625 Datasheet HTML 67Page - Texas Instruments AM625 Datasheet HTML 68Page - Texas Instruments AM625 Datasheet HTML 69Page - Texas Instruments AM625 Datasheet HTML 70Page - Texas Instruments AM625 Datasheet HTML 71Page - Texas Instruments AM625 Datasheet HTML 72Page - Texas Instruments AM625 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 235 page
background image
Table 6-37. MCASP2 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCASP2_AXR9
IO
MCASP Serial Data (Input/Output)
P22
L17
MCASP2_AXR10
IO
MCASP Serial Data (Input/Output)
P21
L18
MCASP2_AXR11
IO
MCASP Serial Data (Input/Output)
R23
M20
MCASP2_AXR12
IO
MCASP Serial Data (Input/Output)
N20
K18
MCASP2_AXR13
IO
MCASP Serial Data (Input/Output)
M22
J19
MCASP2_AXR14
IO
MCASP Serial Data (Input/Output)
M21
J18
MCASP2_AXR15
IO
MCASP Serial Data (Input/Output)
L21
H17
6.3.15 MCSPI
6.3.15.1 MAIN Domain
Table 6-38. MCSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
SPI0_CLK
IO
SPI Clock
A14
D12
SPI0_CS0
IO
SPI Chip Select 0
A13
C11
SPI0_CS1
IO
SPI Chip Select 1
C13
D13
SPI0_CS2
IO
SPI Chip Select 2
A15
B14
SPI0_CS3
IO
SPI Chip Select 3
B15
C13
SPI0_D0
IO
SPI Data 0
B13
C12
SPI0_D1
IO
SPI Data 1
B14
A14
Table 6-39. MCSPI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
SPI1_CLK
IO
SPI Clock
AA3, J25
H21, W2
SPI1_CS0
IO
SPI Chip Select 0
J23, Y4
G21, W1
SPI1_CS1
IO
SPI Chip Select 1
AB1, H21
E17, Y1
SPI1_CS2
IO
SPI Chip Select 2
Y3
V3
SPI1_CS3
IO
SPI Chip Select 3
AA1
V1
SPI1_D0
IO
SPI Data 0
AC2, H25
G20, V4
SPI1_D1
IO
SPI Data 1
AD2, J22
J21, W4
Table 6-40. MCSPI2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
SPI2_CLK
IO
SPI Clock
A17, A20, AA2 A16, D16, V2
SPI2_CS0
IO
SPI Chip Select 0
AA1, B16, E19 D15, E12, V1
SPI2_CS1
IO
SPI Chip Select 1
AC2, B17, B20 A17, C17, V4
SPI2_CS2
IO
SPI Chip Select 2
A16, B18, Y4
A18, D14, W1
SPI2_CS3
IO
SPI Chip Select 3
A18, AD2, D20 C14, C16, W4
SPI2_D0
IO
SPI Data 0
AC1, B19, D14 A13, B18, W3
SPI2_D1
IO
SPI Data 1
A19, AB2, E14
B17, E11, Y2
6.3.15.2 MCU Domain
Table 6-41. MCU_MCSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCU_SPI0_CLK
IO
SPI Clock
A7
B7
MCU_SPI0_CS0
IO
SPI Chip Select 0
E8
E7
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com