Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 93 Page - Texas Instruments

Back Button AM625 Datasheet HTML 89Page - Texas Instruments AM625 Datasheet HTML 90Page - Texas Instruments AM625 Datasheet HTML 91Page - Texas Instruments AM625 Datasheet HTML 92Page - Texas Instruments AM625 Datasheet HTML 93Page - Texas Instruments AM625 Datasheet HTML 94Page - Texas Instruments AM625 Datasheet HTML 95Page - Texas Instruments AM625 Datasheet HTML 96Page - Texas Instruments AM625 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 235 page
background image
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VILSS
Input Low Voltage Steady State
0.3 ×
VDDS_OSC
V
VIH
Input High Voltage
0.7 ×
VDDS_OSC
V
VIHSS
Input High Voltage Steady State
0.7 ×
VDDS_OSC
V
VHYS
Input Hysteresis Voltage
200
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0 V
±10
µA
SRI
Input Slew Rate
TBD
TBD
TBD
V/s
7.7.3 High-Frequency Oscillator (HFOSC) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input Low Voltage
0.35 ×
VDDS_OSC
V
VIH
Input High Voltage
0.65 ×
VDDS_OSC
V
VHYS
Input Hysteresis Voltage
49
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0.0 V
±TBD
µA
7.7.4 SDIO Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.8 V MODE
VIL
Input Low Voltage
0.58
V
VILSS
Input Low Voltage Steady State
0.58
V
VIH
Input High Voltage
1.27
V
VIHSS
Input High Voltage Steady State
1.7
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current.
VI = 1.8 V
or
VI = 0 V
±10
µA
RPU
Pull-up Resistor
40
50
60
kΩ
RPD
Pull-down Resistor
40
50
60
kΩ
VOL
Output Low Voltage
0.45
V
VOH
Output High Voltage
VDDSHV5 -
0.45
V
IOL (1)
Low Level Output Current
VOL(MAX)
4
mA
IOH (1)
High Level Output Current
VOH(MIN)
4
mA
SRI
Input Slew Rate
TBD
V/s
3.3 V MODE
VIL
Input Low Voltage
0.25 ×
VDDSHV5
V
VILSS
Input Low Voltage Steady State
0.15 ×
VDDSHV5
V
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
93
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com