Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM625 Datasheet HTML 85Page - Texas Instruments AM625 Datasheet HTML 86Page - Texas Instruments AM625 Datasheet HTML 87Page - Texas Instruments AM625 Datasheet HTML 88Page - Texas Instruments AM625 Datasheet HTML 89Page - Texas Instruments AM625 Datasheet HTML 90Page - Texas Instruments AM625 Datasheet HTML 91Page - Texas Instruments AM625 Datasheet HTML 92Page - Texas Instruments AM625 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 235 page
background image
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
(ESD)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
TBD
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
TBD
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Power-On Hours (POH)
POWER ON HOURS (POH)(1) (2) (3)
JUNCTION TEMPERATURE RANGE
LIFETIME (POH)
COMMERCIAL
0°C to 95°C
100000
EXTENDED
-40°C to 105°C
100000
AUTOMOTIVE
-40°C to 125°C
20000(4)
(1)
This information is provided solely for your convenience and does not extend or modify the warranty provided under TI's standard
terms and conditions for TI semiconductor products.
(2)
Unless specified in the table above, all voltage domains and operating conditions are supported in the device at the noted
temperatures.
(3)
POH is a function of voltage, temperature and time. Usage at higher voltages and temperatures will result in a reduction in POH.
(4)
Automotive profile is defined as 20000 power on hours with a junction temperature as follows: 5%@-40°C, 65%@70°C, 20%@110°C,
and 10%@125°C.
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com