Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 57 Page - Texas Instruments

Back Button AM625 Datasheet HTML 53Page - Texas Instruments AM625 Datasheet HTML 54Page - Texas Instruments AM625 Datasheet HTML 55Page - Texas Instruments AM625 Datasheet HTML 56Page - Texas Instruments AM625 Datasheet HTML 57Page - Texas Instruments AM625 Datasheet HTML 58Page - Texas Instruments AM625 Datasheet HTML 59Page - Texas Instruments AM625 Datasheet HTML 60Page - Texas Instruments AM625 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 235 page
background image
Table 6-8. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
DDR0_DQS1_n
IO
DDRSS Complimentary Data Strobe
V2
R1
DDR0_ODT0
O
DDRSS On-Die Termination for Chip Select 0
H1
J4
DDR0_ODT1
O
DDRSS On-Die Termination for Chip Select 1
J3
K2
DDR0_RESET0_n
O
DDRSS Reset
G1
G2
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
6.3.5 DSS
6.3.5.1 MAIN Domain
Table 6-9. DSS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
VOUT0_DE
O
Video Output Data Enable
Y20
T17
VOUT0_EXTPCLKIN
I
Video Output External Pixel Clock Input
V25
P17
VOUT0_HSYNC
O
Video Output Horizontal Sync
AB24
W21
VOUT0_PCLK
O
Video Output Pixel Clock Output
AC24
U17
VOUT0_VSYNC
O
Video Output Vertical Sync
AC25
T16
VOUT0_DATA0
O
Video Output Data 0
U22
R21
VOUT0_DATA1
O
Video Output Data 1
V24
P18
VOUT0_DATA2
O
Video Output Data 2
W25
R18
VOUT0_DATA3
O
Video Output Data 3
W24
R19
VOUT0_DATA4
O
Video Output Data 4
Y25
R20
VOUT0_DATA5
O
Video Output Data 5
Y24
T20
VOUT0_DATA6
O
Video Output Data 6
Y23
T21
VOUT0_DATA7
O
Video Output Data 7
AA25
T19
VOUT0_DATA8
O
Video Output Data 8
V21
U21
VOUT0_DATA9
O
Video Output Data 9
W21
R17
VOUT0_DATA10
O
Video Output Data 10
V20
T18
VOUT0_DATA11
O
Video Output Data 11
AA23
U20
VOUT0_DATA12
O
Video Output Data 12
AB25
U19
VOUT0_DATA13
O
Video Output Data 13
AA24
V21
VOUT0_DATA14
O
Video Output Data 14
Y22
U18
VOUT0_DATA15
O
Video Output Data 15
AA21
V20
VOUT0_DATA16
O
Video Output Data 16
R24
N20
VOUT0_DATA17
O
Video Output Data 17
R25
N21
VOUT0_DATA18
O
Video Output Data 18
T25
M17
VOUT0_DATA19
O
Video Output Data 19
R21
N18
VOUT0_DATA20
O
Video Output Data 20
T22
N17
VOUT0_DATA21
O
Video Output Data 21
T24
N19
VOUT0_DATA22
O
Video Output Data 22
U25
P19
VOUT0_DATA23
O
Video Output Data 23
U24
P20
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com