Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 65 Page - Texas Instruments

Back Button AM625 Datasheet HTML 61Page - Texas Instruments AM625 Datasheet HTML 62Page - Texas Instruments AM625 Datasheet HTML 63Page - Texas Instruments AM625 Datasheet HTML 64Page - Texas Instruments AM625 Datasheet HTML 65Page - Texas Instruments AM625 Datasheet HTML 66Page - Texas Instruments AM625 Datasheet HTML 67Page - Texas Instruments AM625 Datasheet HTML 68Page - Texas Instruments AM625 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 235 page
background image
Table 6-25. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
GPMC0_A6
OZ
GPMC address 6 Output in A/D non-multiplexed
mode and Address 22 in A/D multiplexed mode
Y23
T21
GPMC0_A7
OZ
GPMC address 7 Output in A/D non-multiplexed
mode and Address 23 in A/D multiplexed mode
AA25
T19
GPMC0_A8
OZ
GPMC address 8 Output in A/D non-multiplexed
mode and Address 24 in A/D multiplexed mode
V21
U21
GPMC0_A9
OZ
GPMC address 9 Output in A/D non-multiplexed
mode and Address 25 in A/D multiplexed mode
W21
R17
GPMC0_A10
OZ
GPMC address 10 Output in A/D non-
multiplexed mode and Address 26 in A/D
multiplexed mode
V20
T18
GPMC0_A11
OZ
GPMC address 11 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AA23
U20
GPMC0_A12
OZ
GPMC address 12 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AB25
U19
GPMC0_A13
OZ
GPMC address 13 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AA24
V21
GPMC0_A14
OZ
GPMC address 14 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
Y22
U18
GPMC0_A15
OZ
GPMC address 15 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AA21
V20
GPMC0_A16
OZ
GPMC address 16 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AB24
W21
GPMC0_A17
OZ
GPMC address 17 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
Y20
T17
GPMC0_A18
OZ
GPMC address 18 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AC25
T16
GPMC0_A19
OZ
GPMC address 19 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
AC24
U17
GPMC0_A20
OZ
GPMC address 20 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
K24
H19
GPMC0_A21
OZ
GPMC address 21 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
V25
P17
GPMC0_A22
OZ
GPMC address 22 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
K25
J20
GPMC0_AD0
IO
GPMC Data 0 Input/Output in A/D non-
multiplexed mode and additionally Address 1
Output in A/D multiplexed mode
M25
K19
GPMC0_AD1
IO
GPMC Data 1 Input/Output in A/D non-
multiplexed mode and additionally Address 2
Output in A/D multiplexed mode
N23
L19
GPMC0_AD2
IO
GPMC Data 2 Input/Output in A/D non-
multiplexed mode and additionally Address 3
Output in A/D multiplexed mode
N24
L20
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com