Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 99 Page - Texas Instruments

Back Button AM625 Datasheet HTML 95Page - Texas Instruments AM625 Datasheet HTML 96Page - Texas Instruments AM625 Datasheet HTML 97Page - Texas Instruments AM625 Datasheet HTML 98Page - Texas Instruments AM625 Datasheet HTML 99Page - Texas Instruments AM625 Datasheet HTML 100Page - Texas Instruments AM625 Datasheet HTML 101Page - Texas Instruments AM625 Datasheet HTML 102Page - Texas Instruments AM625 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 235 page
background image
7.10.2 Power Supply Requirements
This section describes the power supply requirements to ensure proper device operation.
Note
All power balls must be supplied with the voltages specified in the Recommended Operating
Conditions section, unless otherwise specified in Signal Descriptions and Pin Connectivity
Requirements.
7.10.2.1 Power Supply Slew Rate Requirement
To maintain the safe operating range of the internal ESD protection devices, TI recommends limiting the
maximum slew rate of supplies to be less than 18 mV/µs. For instance, as shown in Figure 7-2, TI recommends
having the supply ramp slew for a 1.8-V supply of more than 100 µs.
Figure 7-2 describes the Power Supply Slew Rate Requirement in the device.
t
slew rate < 18 mV/ s
slew > (supply value) / (18
)
or
supply value × 55.6 s/V
μ
μ
μ
mV/ s
Supply value
SPRT740_ELCH_06
Figure 7-2. Power Supply Slew and Slew Rate
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com