Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 103 Page - Texas Instruments

Back Button AM625 Datasheet HTML 99Page - Texas Instruments AM625 Datasheet HTML 100Page - Texas Instruments AM625 Datasheet HTML 101Page - Texas Instruments AM625 Datasheet HTML 102Page - Texas Instruments AM625 Datasheet HTML 103Page - Texas Instruments AM625 Datasheet HTML 104Page - Texas Instruments AM625 Datasheet HTML 105Page - Texas Instruments AM625 Datasheet HTML 106Page - Texas Instruments AM625 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 235 page
background image
7.10.2.2.2 Power-Down Sequencing
Figure 7-6 describes the device power-down sequencing.
AM64x_ELCH_02
MCU_PORz
MCU_OSC0_XI, MCU_OSC0_XO
VSYS
VMON_VSYS
VSYS, VMON_VSYS
VPP
VDDSHV_MCU , VDDSHV0 , VDDSHV1 , VDDSHV2 , VDDSHV3 ,
(1)
(1)
(1)
(1)
(1)
VDDSHV4 , VDDSHV5 , VDDSHV6 , VDDSHV_CANUART , VDDA_3P3_USB,
(1)
(1)
(1)
(1)
VMON_3P3_SOC
VDDS_OSC0, VDDSHV_MCU , VDDSHV0 , VDDSHV1 , VDDSHV2 , VDDSHV3 ,
(2)
(2)
(2)
(2)
(2)
VDDSHV4 , VDDSHV5 , VDDSHV6 , VDDSHV_CANUART , VDDA_MCU,
(2)
(2)
(2)
(2)
VDDA_PLL0, VDDA_PLL1, VDDA_PLL2, VDDA_1P8_CSIRX0, VDDA_1P8_OLDI0,
VDDA_1P8_USB, VMON_1P8_SOC, VDDA_TEMP0, VDDA_TEMP1,
VDDS_DDR, VDDS_DDR_C
VDD_CORE
, VDD_CANUART , VDDA_CORE_CSIRX0 , VDDA_CORE_USB ,
(3)(5)
(3)
(3)
(3)
VDDA_DDR_PLL0
(6)
VDD_CORE
, VDDR_CORE , VDDA_CANUART , VDDA_CORE_CSIRX0 ,
(5)
(4)(5)
(4)
(4)
(4)
(6)
VDDA_CORE_USB ,VDDA_DDR_PLL0
Hi-Z
Figure 7-6. Power-Down Sequencing
1. VDDSHV_CANUART, VDDSHV_MCU, and VDDSHVx [x=0-6] when operating at 3.3V.
2. VDDSHV_CANUART, VDDSHV_MCU, and VDDSHVx [x=0-6] when operating at 1.8V.
3. VDD_CORE, VDD_CANUART, VDDA_CORE_CSIRX0, VDDA_CORE_USB, and VDDA_DDR_PLL0 when
operating at 0.75V.
4. VDD_CORE, VDD_CANUART, VDDA_CORE_CSIRX0, VDDA_CORE_USB, and VDDA_DDR_PLL0 when
operating at 0.85V.
5. The potential applied to VDDR_CORE must never be greater than the potential applied to VDD_CORE +
0.18V during power-up or power-down. This requires VDD_CORE to ramp up before and ramp down after
VDDR_CORE when VDD_CORE is operating at 0.75V. VDD_CORE does not have any ramp requirements
beyond the one defined for VDDR_CORE. VDD_CORE and VDDR_CORE are expected to be powered by
the same source so they ramp together when VDD_CORE is operating at 0.85V.
6. VDDA_DDR_PLL0 is connected to VDD_CORE inside the ALW package.
7.10.3 System Timing
For more details about features and additional description information on the subsystem multiplexing signals,
see the corresponding subsections within Signal Descriptions and Detailed Description sections.
Table 7-4. System Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
2 V/ns
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com