Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM625 Datasheet HTML 83Page - Texas Instruments AM625 Datasheet HTML 84Page - Texas Instruments AM625 Datasheet HTML 85Page - Texas Instruments AM625 Datasheet HTML 86Page - Texas Instruments AM625 Datasheet HTML 87Page - Texas Instruments AM625 Datasheet HTML 88Page - Texas Instruments AM625 Datasheet HTML 89Page - Texas Instruments AM625 Datasheet HTML 90Page - Texas Instruments AM625 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 235 page
background image
7 Specifications
Note
All specifications listed are preliminary and may change during device characterization.
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX UNIT
VDD_CORE
Core supply
-0.3
1.05
V
VDDR_CORE
RAM supply
-0.3
1.05
V
VDD_CANUART
CANUART core supply
-0.3
1.05
V
VDDA_CORE_CSIRX0
CSIRX0 core supply
-0.3
1.05
V
VDDA_CORE_USB
USB0 and USB1 core supply
-0.3
1.05
V
VDDA_DDR_PLL0(3)
DDR Deskew PLL supply
-0.3
TBD
V
VDDS_DDR
DDR PHY IO supply
-0.3
TBD
V
VDDS_DDR_C
DDR clock IO supply
-0.3
TBD
V
VDDS_OSC0
MCU_OSC0 supply
-0.3
2.2
V
VDDA_MCU
RCOSC, POR, POK, and MCU PLL analog supply
-0.3
2.2
V
VDDA_PLL0
MAIN PLL, DDR PLL, DSS PLL0, and DSS PLL1 analog
supply
-0.3
2.2
V
VDDA_PLL1
PER0 PLL and PER1 PLL analog supply
-0.3
2.2
V
VDDA_PLL2
ARM0 PLL and SMS PLL analog supply
-0.3
2.2
V
VDDA_1P8_CSIRX0
CSIRX0 1.8 V analog supply
-0.3
2.2
V
VDDA_1P8_OLDI0
OLDI0 1.8 V analog supply
-0.3
TBD
V
VDDA_1P8_USB
USB0 and USB1 1.8 V analog supply
-0.3
2.2
V
VDDA_TEMP0
TEMP0 analog supply
-0.3
2.2
V
VDDA_TEMP1
TEMP1 analog supply
-0.3
2.2
V
VPP
eFuse ROM programming supply
-0.3
TBD
V
VDDSHV_MCU
IO supply for IO MCU
-0.3
3.8
V
VDDSHV_CANUART
IO supply for IO CANUART
-0.3
3.8
V
VDDSHV0
IO supply for IO group 0
-0.3
3.8
V
VDDSHV1
IO supply for IO group 1
-0.3
3.8
V
VDDSHV2
IO supply for IO group 2
-0.3
3.8
V
VDDSHV3
IO supply for IO group 3
-0.3
3.8
V
VDDSHV4
IO supply for IO group 4
-0.3
3.8
V
VDDSHV5
IO supply for IO group 5
-0.3
3.8
V
VDDSHV6
IO supply for IO group 6
-0.3
3.8
V
VDDA_3P3_USB
USB0 and USB1 3.3 V analog supply
-0.3
3.8
V
Steady-state max voltage at all fail-safe IO pins
MCU_PORz
-0.3
2.2
V
MCU_I2C0_SCL, MCU_I2C0_SDA,
WKUP_I2C0_SCL, WKUP_I2C0_SDA,
EXTINTn
-0.3
TBD
V
VMON_1P8_SOC
-0.3
2.2
V
VMON_3P3_SOC
-0.3
3.8
V
VMON_VSYS(4)
-0.3
2.2
V
Steady-state max voltage at all other IO pins(5)
USB0_VBUS, USB1_VBUS(6)
-0.3
3.6
V
All other IO pins
-0.3
IO supply
voltage + 0.3
V
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com