Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 70 Page - Texas Instruments

Back Button AM625 Datasheet HTML 66Page - Texas Instruments AM625 Datasheet HTML 67Page - Texas Instruments AM625 Datasheet HTML 68Page - Texas Instruments AM625 Datasheet HTML 69Page - Texas Instruments AM625 Datasheet HTML 70Page - Texas Instruments AM625 Datasheet HTML 71Page - Texas Instruments AM625 Datasheet HTML 72Page - Texas Instruments AM625 Datasheet HTML 73Page - Texas Instruments AM625 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 235 page
background image
Table 6-41. MCU_MCSPI0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCU_SPI0_CS1
IO
SPI Chip Select 1
B8
C8
MCU_SPI0_CS2
IO
SPI Chip Select 2
B4, D4
B5, D6
MCU_SPI0_CS3
IO
SPI Chip Select 3
D6
C5
MCU_SPI0_D0
IO
SPI Data 0
D9
E8
MCU_SPI0_D1
IO
SPI Data 1
C9
D8
Table 6-42. MCU_MCSPI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCU_SPI1_CLK
IO
SPI Clock
A4, D4
B4, D6
MCU_SPI1_CS0
IO
SPI Chip Select 0
C6
A7
MCU_SPI1_CS1
IO
SPI Chip Select 2
E5
D5
MCU_SPI1_CS2
IO
SPI Chip Select 2
C5, D4
C6, D6
MCU_SPI1_CS3
IO
SPI Chip Select 3
B3
C4
MCU_SPI1_D0
IO
SPI Data 0
A6
B8
MCU_SPI1_D1
IO
SPI Data 1
B6
D7
6.3.16 MDIO
6.3.16.1 MAIN Domain
Table 6-43. MDIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MDIO0_MDC
O
MDIO Clock
AD24
V17
MDIO0_MDIO
IO
MDIO Data
AB22
U16
6.3.17 MMC
6.3.17.1 MAIN Domain
Table 6-44. MMC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MMC0_CLK (1)
IO
MMC/SD/SDIO Clock
AB1
Y1
MMC0_CMD
IO
MMC/SD/SDIO Command
Y3
V3
MMC0_DAT0
IO
MMC/SD/SDIO Data
AA2
V2
MMC0_DAT1
IO
MMC/SD/SDIO Data
AA1
V1
MMC0_DAT2
IO
MMC/SD/SDIO Data
AA3
W2
MMC0_DAT3
IO
MMC/SD/SDIO Data
Y4
W1
MMC0_DAT4
IO
MMC/SD/SDIO Data
AB2
Y2
MMC0_DAT5
IO
MMC/SD/SDIO Data
AC1
W3
MMC0_DAT6
IO
MMC/SD/SDIO Data
AD2
W4
MMC0_DAT7
IO
MMC/SD/SDIO Data
AC2
V4
(1)
For MMC0_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG135 register must remain in its default state
of 0x1 because of retiming purposes.
Table 6-45. MMC1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MMC1_CLK (1)
IO
MMC/SD/SDIO Clock
B22
A20
MMC1_CMD
IO
MMC/SD/SDIO Command
A21
C18
MMC1_SDCD
I
SD Card Detect
D17
C15
MMC1_SDWP
I
SD Write Protect
C17
B15
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
70
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com