Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AM625 Datasheet HTML 69Page - Texas Instruments AM625 Datasheet HTML 70Page - Texas Instruments AM625 Datasheet HTML 71Page - Texas Instruments AM625 Datasheet HTML 72Page - Texas Instruments AM625 Datasheet HTML 73Page - Texas Instruments AM625 Datasheet HTML 74Page - Texas Instruments AM625 Datasheet HTML 75Page - Texas Instruments AM625 Datasheet HTML 76Page - Texas Instruments AM625 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 235 page
background image
Table 6-49. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
VDDA_PLL2
PWR
ARM0 PLL and SMS PLL analog supply
L14
K12
VDDA_TEMP0
PWR
TEMP0 analog supply
T9
M7
VDDA_TEMP1
PWR
TEMP1 analog supply
G16
F16
VDDR_CORE
PWR
Core Supply
J12, K16, N12,
N14, P16,
R12, T10, U14
H11, M10, M13
VDDSHV0
PWR
IO supply for IO group 0
F15, G14
F12, G13
VDDSHV1
PWR
IO supply for IO group 1
L18, M19
K15, K16
VDDSHV2
PWR
IO supply for IO group 2
W16, W19
R14, R15
VDDSHV3
PWR
IO supply for IO group 3
N18, P18, T19,
U18
N15, N16
VDDSHV4
PWR
IO supply for IO group 4
T7
N7, P7
VDDSHV5
PWR
IO supply for IO group 5
G17
F14, G14
VDDSHV6
PWR
IO supply for IO group 6
J18
H15, H16
VDDSHV_CANUART
PWR
IO supply for IO CANUART
H9
G7, H7
VDDSHV_MCU
PWR
IO supply for IO MCU
F11, G12
F10, G10
VDDS_DDR
PWR
DDR PHY IO supply
K9, L8, P9, R8
C1, J8, K7, K9,
L8, U1
VDDS_DDR_C
PWR
DDR clock IO supply
M9
L7
VDDS_OSC0
PWR
MCU_OSC0 supply
G7
J7
VDD_CANUART
PWR
CANUART Core Supply
F8
H8
VDD_CORE
PWR
Core supply
H8, J11, J14,
K17, L12, L15,
M16, N11,
N13, N8, P17,
R11, R14,
U12, V15, V17,
V8
H12, H14, J11,
J13, J9, K10,
K14, L11, L13,
M12, M14, M8,
N11, N13, N9,
P8
VPP
PWR
eFuse ROM programming supply
J8
F7
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com