Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 44 Page - Texas Instruments

Back Button AM625 Datasheet HTML 40Page - Texas Instruments AM625 Datasheet HTML 41Page - Texas Instruments AM625 Datasheet HTML 42Page - Texas Instruments AM625 Datasheet HTML 43Page - Texas Instruments AM625 Datasheet HTML 44Page - Texas Instruments AM625 Datasheet HTML 45Page - Texas Instruments AM625 Datasheet HTML 46Page - Texas Instruments AM625 Datasheet HTML 47Page - Texas Instruments AM625 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 235 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
B15
C13
UART0_RTSn
PADCONFIG:
PADCONFIG117
0x000F41D4
UART0_RTSn
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI0_CS3
1
IO
1
I2C3_SDA
2
IOD
1
UART2_TXD
3
O
TIMER_IO7
4
IO
0
AUDIO_EXT_REFCLK1
5
IO
0
PR0_ECAP0_IN_APWM_OUT
6
IO
0
GPIO1_23
7
IO
pad
MCASP2_ACLKX
8
IO
0
MMC2_SDWP
9
I
1
D14
A13
UART0_RXD
PADCONFIG:
PADCONFIG114
0x000F41C8
UART0_RXD
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
ECAP1_IN_APWM_OUT
1
IO
0
SPI2_D0
2
IO
0
EHRPWM2_A
3
IO
0
GPIO1_20
7
IO
pad
E14
E11
UART0_TXD
PADCONFIG:
PADCONFIG115
0x000F41CC
UART0_TXD
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
ECAP2_IN_APWM_OUT
1
IO
0
SPI2_D1
2
IO
0
EHRPWM2_B
3
IO
0
GPIO1_21
7
IO
pad
AE11
AA11
USB0_DM
USB0_DM
IO
1.8 V/3.3 V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
AD11
Y10
USB0_DP
USB0_DP
IO
1.8 V/3.3 V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
C20
D17
USB0_DRVVBUS
PADCONFIG:
PADCONFIG149
0x000F4254
USB0_DRVVBUS
0
O
Off / Off / Down
Off / Off / Down
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO1_50
7
IO
pad
AE10
T8
USB0_RCALIB
USB0_RCALIB
IO
1.8 V/3.3 V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
AC11
V10
USB0_VBUS
USB0_VBUS
A
1.8 V/3.3 V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
AD10
W8
USB1_DM
USB1_DM
IO
1.8 V/3.3 V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
AE9
W9
USB1_DP
USB1_DP
IO
1.8 V/3.3 V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
F18
E16
USB1_DRVVBUS
PADCONFIG:
PADCONFIG150
0x000F4258
USB1_DRVVBUS
0
O
Off / Off / Down
Off / Off / Down
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO1_51
7
IO
pad
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
44
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com