Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 43 Page - Texas Instruments

Back Button AM625 Datasheet HTML 39Page - Texas Instruments AM625 Datasheet HTML 40Page - Texas Instruments AM625 Datasheet HTML 41Page - Texas Instruments AM625 Datasheet HTML 42Page - Texas Instruments AM625 Datasheet HTML 43Page - Texas Instruments AM625 Datasheet HTML 44Page - Texas Instruments AM625 Datasheet HTML 45Page - Texas Instruments AM625 Datasheet HTML 46Page - Texas Instruments AM625 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 235 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
B14
A14
SPI0_D1
PADCONFIG:
PADCONFIG113
0x000F41C4
SPI0_D1
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
CP_GEMAC_CPTS0_HW2TSPUSH
1
I
0
EHRPWM_TZn_IN0
2
I
0
GPIO1_19
7
IO
pad
A10
C10
TCK
PADCONFIG:
MCU_PADCONFIG25
0x04084064
TCK
0
I
On / NA / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
A11
D10
TDI
PADCONFIG:
MCU_PADCONFIG27
0x0408406C
TDI
0
I
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
D12
E10
TDO
PADCONFIG:
MCU_PADCONFIG28
0x04084070
TDO
0
OZ
Off / Off / Up
Off / SS / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
B11
B11
TMS
PADCONFIG:
MCU_PADCONFIG29
0x04084074
TMS
0
I
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
B10
A11
TRSTn
PADCONFIG:
MCU_PADCONFIG26
0x04084068
TRSTn
0
I
On / NA / Down
On / Off / Down
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
A15
B14
UART0_CTSn
PADCONFIG:
PADCONFIG116
0x000F41D0
UART0_CTSn
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI0_CS2
1
IO
1
I2C3_SCL
2
IOD
1
UART2_RXD
3
I
1
TIMER_IO6
4
IO
0
AUDIO_EXT_REFCLK0
5
IO
0
PR0_ECAP0_SYNC_OUT
6
O
GPIO1_22
7
IO
pad
MCASP2_AFSX
8
IO
0
MMC2_SDCD
9
I
1
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com