Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM625 Datasheet HTML 51Page - Texas Instruments AM625 Datasheet HTML 52Page - Texas Instruments AM625 Datasheet HTML 53Page - Texas Instruments AM625 Datasheet HTML 54Page - Texas Instruments AM625 Datasheet HTML 55Page - Texas Instruments AM625 Datasheet HTML 56Page - Texas Instruments AM625 Datasheet HTML 57Page - Texas Instruments AM625 Datasheet HTML 58Page - Texas Instruments AM625 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 235 page
background image
6.3.2.1 MAIN Domain
Table 6-6. CPTS Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
CP_GEMAC_CPTS0_RFT_CLK
I
CPTS Reference Clock Input
A18
C14
CP_GEMAC_CPTS0_TS_COMP
O
CPTS Time Stamp Counter Compare Output
from CPSW3G0 CPTS
C13, D22
C19, D13
CP_GEMAC_CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit Output from
CPSW3G0 CPTS
A14, C21
B20, D12
CP_GEMAC_CPTS0_HW1TSPUSH
I
CPTS Hardware Time Stamp Push Input to
Time Sync Router
B13, B21
B19, C12
CP_GEMAC_CPTS0_HW2TSPUSH
I
CPTS Hardware Time Stamp Push Input to
Time Sync Router
A22, B14
A14, A19
SYNC0_OUT
O
CPTS Time Stamp Generator Bit 0 Output from
Time Sync Router
B16
E12
SYNC1_OUT
O
CPTS Time Stamp Generator Bit 1 Output from
Time Sync Router
A18
C14
SYNC2_OUT
O
CPTS Time Stamp Generator Bit 2 Output from
Time Sync Router
C15
B13
SYNC3_OUT
O
CPTS Time Stamp Generator Bit 3 Output from
Time Sync Router
E15
A15
6.3.3 CSI
6.3.3.1 MAIN Domain
Table 6-7. CSI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
CSI0_RXCLKN
I
CSI Differential Receive Clock Input (negative)
AD15
AA14
CSI0_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AE15
AA13
CSI0_RXRCALIB (1)
A
CSI pin connected to external resistor for on-
chip resistor calibration
AA14
T11
CSI0_RXN0
I
CSI Differential Receive Input (negative)
AB14
Y13
CSI0_RXN1
I
CSI Differential Receive Input (negative)
AD14
V13
CSI0_RXN2
I
CSI Differential Receive Input (negative)
AD13
U12
CSI0_RXN3
I
CSI Differential Receive Input (negative)
AB12
W12
CSI0_RXP0
I
CSI Differential Receive Input (positive)
AC15
Y12
CSI0_RXP1
I
CSI Differential Receive Input (positive)
AE14
V12
CSI0_RXP2
I
CSI Differential Receive Input (positive)
AE13
U11
CSI0_RXP3
I
CSI Differential Receive Input (positive)
AC13
W11
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
6.3.4 DDRSS
6.3.4.1 MAIN Domain
Table 6-8. DDRSS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
DDR0_ACT_n
O
DDRSS Activation Command
N6
M1
DDR0_ALERT_n
IO
DDRSS Alert
R3
N1
DDR0_CAS_n
O
DDRSS Column Address Strobe
M4
J3
DDR0_PAR
O
DDRSS Command and Address Parity
T1
M2
DDR0_RAS_n
O
DDRSS Row Address Strobe
M5
K5
DDR0_WE_n
O
DDRSS Write Enable
N3
J2
DDR0_A0
O
DDRSS Address Bus
J1
F5
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com