Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 95 Page - Texas Instruments

Back Button AM625 Datasheet HTML 91Page - Texas Instruments AM625 Datasheet HTML 92Page - Texas Instruments AM625 Datasheet HTML 93Page - Texas Instruments AM625 Datasheet HTML 94Page - Texas Instruments AM625 Datasheet HTML 95Page - Texas Instruments AM625 Datasheet HTML 96Page - Texas Instruments AM625 Datasheet HTML 97Page - Texas Instruments AM625 Datasheet HTML 98Page - Texas Instruments AM625 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 235 page
background image
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPD
Pull-down Resistor
15
22
30
kΩ
RPD
Pull-down Resistor
15
22
30
kΩ
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IOL (2)
Low Level Output Current
VOL(MAX)
5
mA
IOH (2)
High Level Output Current
VOH(MIN)
9
mA
SRI
Input Slew Rate
TBD
TBD
TBD
V/s
(1)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball(s), see
POWER column of the Pin Attributes table.
(2)
The IOL and IOH parameters define the minimum Low Level Output Current and High Level Output Current for which the device is
able to maintain the specified VOL and VOH values. Values defined by these parameters should be considered the maximum current
available to a system implementation which needs to maintain the specified VOL and VOH values for attached components.
7.7.6 CSI Electrical Characteristics
Note
CSIRX0 is compliant with MIPI DPHY v1.2 dated August 1, 2014 including ECNs and Errata as
applicable
7.7.7 USB2PHY Electrical Characteristics
Note
USB0 interface is compliant with Universal Serial Bus Revision 2.0 Specification dated April 27, 2000
including ECNs and Errata as applicable.
7.7.8 DDR Electrical Characteristics
Note
The DDR interface is compatible with DDR4 and LPDDR4 devices
7.8 VPP Specifications for One-Time Programmable (OTP) eFuses
This section specifies the operating conditions required for programming the OTP eFuses .
7.8.1 Recommended Operating Conditions for OTP eFuse Programming
over operating junction temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
VDD_CORE
Supply voltage range for the core domain during OTP
operation; OPP NOM (BOOT)
See Section 7.4
V
VPP
Supply voltage range for the eFuse ROM domain during
normal operation without hardware support to program
eFuse ROM
NC(1)
V
Supply voltage range for the eFuse ROM domain during
normal operation with hardware support to program eFuse
ROM
0
V
Supply voltage range for the eFuse ROM domain during
OTP programming(2)
1.71
1.8
1.89
V
I(VPP)
VPP current
TBD
mA
SR(VPP)
VPP Slew Rate
6E + 4
V/s
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com