Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 88 Page - Texas Instruments

Back Button AM625 Datasheet HTML 84Page - Texas Instruments AM625 Datasheet HTML 85Page - Texas Instruments AM625 Datasheet HTML 86Page - Texas Instruments AM625 Datasheet HTML 87Page - Texas Instruments AM625 Datasheet HTML 88Page - Texas Instruments AM625 Datasheet HTML 89Page - Texas Instruments AM625 Datasheet HTML 90Page - Texas Instruments AM625 Datasheet HTML 91Page - Texas Instruments AM625 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 235 page
background image
over operating junction temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX UNIT
Transient overshoot and undershoot at IO pin
20% of IO supply voltage for up to 20%
of the signal period (see Figure 7-1, IO
Transient Voltage Ranges)
0.2 × VDD(7)
V
Latch-up performance
TBD
TBD
mA
TSTG
Storage temperature
-55
+150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Section 7.4, Recommended Operating
Conditions. If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be
fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to VSS, unless otherwise noted.
(3)
The VDDA_DDR_PLL0 power rail is only available on the AMC package. This power rail is internally connected to VDD_CORE in the
ALW package.
(4)
The VMON_VSYS pin provides a way to monitor the system power supply. For more information, see Section 9.2.4, System Power
Supply Monitor Design Guidelines.
(5)
This parameter applies to all IO pins which are not fail-safe and the requirement applies to all values of IO supply voltage. For
example, if the voltage applied to a specific IO supply is 0 volts the valid input voltage range for any IO powered by that supply will be
–0.3 to +0.3 volts. Special attention should be applied anytime peripheral devices are not powered from the same power sources used
to power the respective IO supply. It is important the attached peripheral never sources a voltage outside the valid input voltage range,
including power supply ramp-up and ramp-down sequences.
(6)
An external resistor divider is required to limit the voltage applied to this device pin. For more information, see Section 9.2.3, USB
Design Guidelines.
(7)
VDD is the voltage on the corresponding power-supply pin(s) for the IO.
Fail-safe IO terminals are designed such they do not have dependencies on the respective IO power supply
voltage. This allows external voltage sources to be connected to these IO terminals when the respective IO
power supplies are turned off. The MCU_I2C0_SCL, MCU_I2C0_SDA, WKUP_I2C0_SCL, WKUP_I2C0_SDA,
EXTINTn, VMON_1P8_SOC, VMON_3P3_SOC, and MCU_PORz are the only fail-safe IO terminals. All other IO
terminals are not fail-safe and the voltage applied to them should be limited to the value defined by the Steady
State Max. Voltage at all IO pins parameter in Section 7.1.
T
overshoot
T
undershoot
T
period
Overshoot = 20% of nominal
IO supply voltage
Undershoot = 20% of nominal
IO supply voltage
A.
Tovershoot + Tundershoot < 20% of Tperiod
Figure 7-1. IO Transient Voltage Ranges
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
88
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com