Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 101 Page - Texas Instruments

Back Button AM625 Datasheet HTML 97Page - Texas Instruments AM625 Datasheet HTML 98Page - Texas Instruments AM625 Datasheet HTML 99Page - Texas Instruments AM625 Datasheet HTML 100Page - Texas Instruments AM625 Datasheet HTML 101Page - Texas Instruments AM625 Datasheet HTML 102Page - Texas Instruments AM625 Datasheet HTML 103Page - Texas Instruments AM625 Datasheet HTML 104Page - Texas Instruments AM625 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 235 page
background image
7.10.2.2.1 Power-Up Sequencing
Figure 7-5 describes the device power-up sequencing.
AM64x_ELCH_01
VDDSHV_MCU , VDDSHV0 , VDDSHV1 , VDDSHV2 , VDDSHV3 ,
(3)
(3)
(3)
(3)
(3)
VDDSHV4 , VDDSHV5 , VDDSHV6 , VDDSHV_CANUART , VDDA_3P3_USB,
(3)
(3)
(3)
(3)
VMON_3P3_SOC
(4)
VSYS, VMON_VSYS
VDDS_OSC0, VDDSHV_MCU , VDDSHV0 , VDDSHV1 , VDDSHV2 , VDDSHV3 ,
(5)
(5)
(5)
(5)
(5)
VDDSHV4 , VDDSHV5 ,
,
, VDDA_MCU,
VDDSHV6
VDDSHV_CANUART
(5)
(5)
(5)
(5)
VDDA_PLL0, VDDA_PLL1, VDDA_PLL2, VDDA_1P8_CSIRX0, VDDA_1P8_OLDI0,
VDDA_1P8_USB, VMON_1P8_SOC , VDDA_TEMP0, VDDA_TEMP1
(6)
VDDS_DDR , VDDS_DDR_C
(7)
(7)
VDD_CORE
, VDD_CANUART , VDDA_CORE_CSIRX0 , VDDA_CORE_USB ,
(8)(10)
(8)
(8)
(8)
(12)
VDDA_DDR_PLL0
VDD_CORE
, VDDR_CORE
, VDDA_CANUART ,VDDA_CORE_CSIRX0 ,
(9)(10)
(10)
(9)
(9)
VDDA_CORE_USB0 ,VDDA_DDR_PLL0
(9)
(12)
VPP
(11)
MCU_PORz
MCU_OSC0_XI, MCU_OSC0_XO
Hi-Z
VSYS
VMON_VSYS
Note 1
Note 2
Figure 7-5. Power-Up Sequencing
1. VSYS represents the name of a supply which sources power to the entire system. This supply is expected to
be a pre-regulated supply that sources power management devices which source all other supplies.
2. VMON_VSYS input is used to monitor VSYS via an external resistor divider circuit. For more information,
see the System Power Supply Monitor Design Guidelines.
3. VDDSHV_CANUART, VDDSHV_MCU, and VDDSHVx [x=0-6] are dual voltage IO supplies which can
be operated at 1.8V or 3.3V depending on the application requirements. VDDSHV_CANUART shall be
connected to an always-on power source when using Partial IO low power mode, or conencted to any valid
IO power source when not using Partial IO low power mode. When VDDSHV_CANUART is not connected to
an always-on power source and is operating at 3.3V, it shall be ramped up with other 3.3V supplies during
the 3.3V ramp period defined by this waveform. When any of the VDDSHV_MCU and VDDSHVx [x=0-6] IO
supplies are operating at 3.3V, they shall be ramped up with other 3.3V supplies during the 3.3V ramp period
defined by this waveform.
4. The VMON_3P3_SOC input is used to monitor supply voltage and shall be connected to the respective 3.3V
supply source.
5. VDDSHV_CANUART, VDDSHV_MCU, and VDDSHVx [x=0-6] are dual voltage IO supplies which can
be operated at 1.8V or 3.3V depending on the application requirements. VDDSHV_CANUART shall be
connected to an always-on power source when using Partial IO low power mode, or conencted to any valid
IO power source when not using Partial IO low power mode. When VDDSHV_CANUART is not connected to
an always-on power source and is operating at 1.8V, it shall be ramped up with other 1.8V supplies during
the 1.8V ramp period defined by this waveform. When any of the VDDSHV_MCU and VDDSHVx [x=0-6] IO
supplies are operating at 1.8V, they shall be ramped up with other 1.8V supplies during the 1.8V ramp period
defined by this waveform.
6. The VMON_1P8_SOC input is used to monitor supply voltage and shall be connected to the respective 1.8V
supply source.
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com