Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 143 Page - Texas Instruments

Back Button AM625 Datasheet HTML 139Page - Texas Instruments AM625 Datasheet HTML 140Page - Texas Instruments AM625 Datasheet HTML 141Page - Texas Instruments AM625 Datasheet HTML 142Page - Texas Instruments AM625 Datasheet HTML 143Page - Texas Instruments AM625 Datasheet HTML 144Page - Texas Instruments AM625 Datasheet HTML 145Page - Texas Instruments AM625 Datasheet HTML 146Page - Texas Instruments AM625 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 235 page
background image
GPMC_CLK
GPMC_CSn[i]
GPMC_A[27:17]
GPMC_BE1n
BPMC_BE0n_CLE
GPMC_ADVn_ALE
GPMC_WEn
GPMC_WAIT[j]
Address (LSB)
D 0
D 1
D 2
D 3
F4
F15
F15
F15
F1
F1
F2
F6
F8
F8
F0
F3
F17
F17
F17
F9
F6
F17
F17
F17
F18
F20
F14
F22
F21
Address (MSB)
GPMC_AD[15:0]
F14
GPMC_05
A.
In GPMC_CSn[i], i is equal to 0, 1, 2 or 3.
B.
In GPMC_WAIT[j], j is equal to 0 or 1.
Figure 7-49. GPMC and Multiplexed NOR Flash — Synchronous Burst Write
7.10.5.10.2 GPMC and NOR Flash — Asynchronous Mode
Table 7-61 and Table 7-62 present timing requirements and switching characteristics for GPMC and NOR Flash
— Asynchronous Mode.
Table 7-61. GPMC and NOR Flash Timing Requirements – Asynchronous Mode
see Figure 7-50, Figure 7-51, Figure 7-52, and Figure 7-54
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX UNIT
FA5
(1)
tacc(d)
Data access time
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
H
(4)
ns
FA2
0
(2)
tacc1-pgmode(d)
Page mode successive data access time
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
P
(3)
ns
FA2
1
(1)
tacc2-pgmode(d)
Page mode first data access time
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
H
(4)
ns
(1)
The FA5 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active
functional clock edge. FA5 value must be stored inside the AccessTime register bit field.
(2)
The FA20 prameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of
GPMC functional clock cycles. After each access to input page data, next input page data is internally sampled by active functional
clock edge after FA20 functional clock cycles. The FA20 value must be stored in the PageBurstAccessTime register bit field.
(3)
P = PageBurstAccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(5)
(4)
H = AccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(5)
(5)
GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
143
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com