| Electronic Components Datasheet Search |
|
AM625 Datasheet(PDF) 205 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM625 Datasheet(HTML) 205 Page - Texas Instruments |
|
205 / 235 page ![]() 8.2 Processor Subsystems 8.2.1 Arm Cortex-A53 Subsystem The A53SS module supports the following features: • Up to Quad 64-bit Arm® Cortex®-A53 microprocessors – Full ARM v8-A Architecture Compliant • AArch32 and AArch64 Execution States • All exception levels EL0-3 • A32 Instruction Set (Previously ARM instruction set) • T32 instruction set (previously Thumb instruction set) • A64 Instruction Set – Advanced SIMD and Floating Point Extensions (NEON) – ARMv8 Cryptography Extensions – ARMv8 Cryptography Extensions – ARM GICv3 architecture – In-order pipeline with symmetric dual-issue of most instructions – Harvard L1 with system MMU • 32 KB Instruction Cache • 32 KB Data Cache – 512KB Shared L2 Cache – Generic Timer(s) – Debug • 128-Bit VBUSM controller interfaces (for axi_r and axi_r channels) • 128-Bit VBUSM target interface (for Accelerator Coherency Port) • 64-bit Grey-coded system input time • 48-bit Grey-coded debug input time • 32-bit VBUSP target interface for Debug • Integrated PBIST controller with BISOR For more information, see Arm Cortex-A53 Subsystem section in Processors and Accelerators chapter in the device TRM. 8.2.2 Arm Cortex-M4F The M4FSS module supports the following features: • Cortex M4F With MPU • ARMv7-M architecture • Support for Nested Vectored Interrupt Controller (NVIC) with 64 inputs • Ability to executed code from internal or external memories • 32 KB of SRAM (I-Code) • 32 KB of SRAM (D-Code) • External access to internal memories if allowed • Debug Support Including: – DAP based Debug to the CPU Core – Full Debug Features of CPU Core are enabled – Standard ITM trace – CTM Cross Trigger – ETM Trace Support • Fault Detection and Correction: – SECDED ECC protection on I-CODE – SECDED ECC protection on D-CODE – Fault Error Interrupt Output 8.2.3 Device and Power Manager The Device and Power Manager is a R5F MCU responsible for Boot, Resource Management, and Power Management Functions. It has the following fueatures : www.ti.com AM625, AM623 SPRSP58 – JUNE 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 205 Product Folder Links: AM625 AM623 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |